Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3150A2ST1 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPL3150A2ST1
Description  I2C precision pressure sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3150A2ST1 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPL3150A2ST1 Datasheet HTML 35Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 36Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 37Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 38Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 39Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 40Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 41Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 42Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
NXP Semiconductors
MPL3150A2S
I2C precision pressure sensor
17 Tape and reel specifications
aaa-024062
Ko
Bo
ref. 30°
ref. 30°
ref. 6°
ref. 6°
T
0.25 ± 0.05
Do
Ø 1.55 ± 0.05
P2
2.00 ± 0.10 (I)
Po
4.00 ± 0.10 (Il)
E1
1.75 ± 0.10
D1
Ø 1.50 min
typ. R 0.25
section Y-Y
scale 3.5 : 1
section X-X
scale 3.5 : 1
Ao
Bo
Ko
F
P1
W
3.35 ± 0.10
5.35 ± 0.10
1.20 ± 0.10
5.50 ± 0.10
8.00 ± 0.10
12.00 ± 0.10
Y
P1
(I)
Measured from centerline of sprocket hole to
centerline of pocket.
(lI)
Cumulative tolerance of 10 sprocket holes is ± 0.20.
(llI)
Measured from centerline of sprocket hole to
centerline of pocket.
Dimensions are in millimeters.
Ao
X
X
Y
F (III)
W
Figure 12. LGA 3 mm × 5 mm embossed carrier tape dimensions
aaa-024064
pin 1 index area
Figure 13. Device orientation in chip carrier
18 Related documentation
The device features and operations may be described in a variety of reference manuals, user guides, and
application notes. To find the most-current versions of these documents:
• Go to the product page at nxp.com/MPL3150A2S.
• Click on the Documentation tab.
MPL3150A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
39 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com