Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3150A2ST1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPL3150A2ST1
Description  I2C precision pressure sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3150A2ST1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPL3150A2ST1 Datasheet HTML 3Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 4Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 5Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 6Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 7Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 8Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 9Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 10Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
NXP Semiconductors
MPL3150A2S
I2C precision pressure sensor
Caution
msc896
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling electrostatic
sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A, or equivalent
standards.
9.3 Mechanical characteristics
VDD = 2.5 V, T = 25 °C, over 70 kPa to 150 kPa, unless otherwise noted.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Pressure sensor
Calibrated range
70
––
150
kPa
PFS
Measurement range
Operational range
50
––
150
kPa
1x oversample
––
19
––
Pa RMS
Pressure reading noise [1]
128x oversample
––
1.5
––
Pa RMS
70 kPa to 150 kPa over 0 °C
to 50 °C
–0.4
––
0.4
kPa
Pressure absolute
accuracy[2]
70 kPa to 150 kPa over −10
°C to 70 °C
––
±0.4
––
kPa
Relative accuracy during
pressure change between
90 kPa to 150 kPa at any
constant temperature
between −10 °C to 50 °C
––
±0.05
––
kPa
Pressure relative accuracy
Relative accuracy during
changing temperature
between −10 °C to 50 °C
at any constant pressure
between 90 kPa to 150 kPa
––
±0.15
––
kPa
Pressure resolution [3][4]
0.25
1.5
––
Pa
One-shot mode
––
100
––
Hz
Output data rate
FIFO mode
––
––
1
Hz
Board mount drift
After solder reflow
––
±0.15
––
kPa
Long-term drift
After a period of 1 year
––
±0.1
––
kPa
Temperature sensor
TFS
Measurement range
––
–40
––
+85
°C
@25 °C
––
±1
––
°C
Temperature accuracy
Over temperature range
––
±3
––
°C
TOP
Operating temperature range ––
–40
––
+85
°C
Table 5. Mechanical characteristics
[1]
Oversample (OSR) modes internally combine and average samples to reduce noise.
[2]
Pressure offset drift of ±20 Pa from 0 s to 120 s from 25 °C to 40 °C. Verified by characterization.
[3]
Reference pressure = 101.325 kPa (sea level).
[4]
At 128x oversample ratio.
MPL3150A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
7 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com