Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8220ARMZ Datasheet HTML 1Page - Analog Devices AD8220ARMZ Datasheet HTML 2Page - Analog Devices AD8220ARMZ Datasheet HTML 3Page - Analog Devices AD8220ARMZ Datasheet HTML 4Page - Analog Devices AD8220ARMZ Datasheet HTML 5Page - Analog Devices AD8220ARMZ Datasheet HTML 6Page - Analog Devices AD8220ARMZ Datasheet HTML 7Page - Analog Devices AD8220ARMZ Datasheet HTML 8Page - Analog Devices AD8220ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8220
Rev. 0 | Page 4 of 28
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Settling Time 0.01%
10 V step
G = 1
5
5
μs
G = 10
4.3
4.3
μs
G = 100
8.1
8.1
μs
G = 1000
58
58
μs
Settling Time 0.001%
10 V step
G = 1
6
6
μs
G = 10
4.6
4.6
μs
G = 100
9.6
9.6
μs
G = 1000
74
74
μs
Slew Rate
G = 1 to 100
2
2
V/μs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.06
0.04
%
G = 10
0.3
0.2
%
G = 100
0.3
0.2
%
G = 1000
0.3
0.2
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL = 10 kΩ
10
15
10
15
ppm
G = 10
RL = 10 kΩ
5
10
5
10
ppm
G = 100
RL = 10 kΩ
30
60
30
60
ppm
G = 1000
RL = 10 kΩ
400
500
400
500
ppm
G = 1
RL = 2 kΩ
10
15
10
15
ppm
G = 10
RL = 2 kΩ
10
15
10
15
ppm
G = 100
RL = 2 kΩ
50
75
50
75
ppm
Gain vs. Temperature
G = 1
3
10
2
5
ppm/°C
G > 10
−50
−50
ppm/°C
INPUT
Impedance (Pin to Ground)1
104||5
104||5
GΩ||pF
Input Operating Voltage
Range2
VS = ±2.25 V to ±18 V for
dual supplies
−VS − 0.1
+VS − 2
−VS − 0.1
+VS − 2
V
Over Temperature
T = −40°C to +85°C
−VS − 0.1
+VS − 2.1
−VS − 0.1
+VS − 2.1
V
OUTPUT
Output Swing
RL = 2 kΩ
−14.3
+14.3
−14.3
+14.3
V
Over Temperature
T = −40°C to +85°C
−14.3
+14.1
−14.3
+14.1
V
Output Swing
RL = 10 kΩ
−14.7
+14.7
−14.7
+14.7
V
Over Temperature
T = −40°C to +85°C
−14.6
+14.6
−14.6
+14.6
V
Short-Circuit Current
15
15
mA
REFERENCE INPUT
RIN
40
40
kΩ
IIN
VIN+, VIN− = 0 V
70
70
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ± 0.0001
1 ± 0.0001
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com