Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8220ARMZ Datasheet HTML 1Page - Analog Devices AD8220ARMZ Datasheet HTML 2Page - Analog Devices AD8220ARMZ Datasheet HTML 3Page - Analog Devices AD8220ARMZ Datasheet HTML 4Page - Analog Devices AD8220ARMZ Datasheet HTML 5Page - Analog Devices AD8220ARMZ Datasheet HTML 6Page - Analog Devices AD8220ARMZ Datasheet HTML 7Page - Analog Devices AD8220ARMZ Datasheet HTML 8Page - Analog Devices AD8220ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
JFET Input Instrumentation Amplifier with
Rail-to-Rail Output in MSOP Package
AD8220
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low input currents
10 pA maximum input bias current (B grade)
0.6 pA maximum input offset current (B grade)
High CMRR
100 dB CMRR (minimum), G = 10 (B grade)
80 dB CMRR (minimum) to 5 kHz, G = 1 (B grade)
Excellent ac specifications and low power
1.5 MHz bandwidth (G = 1)
14 nV/√Hz input noise (1 kHz)
Slew rate 2 V/μs
750 μA quiescent supply current (maximum)
Versatile
MSOP package
Rail-to-rail output
Input voltage range to below negative supply rail
4 kV ESD protection
4.5 V to 36 V single supply
±2.25 V to ±18 V dual supply
Gain set with single resistor (G = 1 to 1000)
APPLICATIONS
Medical instrumentation
Precision data acquisition
Transducer interface
GENERAL DESCRIPTION
The AD8220 is the first single-supply JFET input
instrumentation amplifier available in an MSOP package.
Designed to meet the needs of high performance, portable
instrumentation, the AD8220 has a minimum common-mode
rejection ratio (CMRR) of 86 dB at dc and a minimum CMRR
of 80 dB at 5 kHz for G = 1. Maximum input bias current is 10
pA and typically remains below 300 pA over the entire
industrial temperature range. Despite the JFET inputs, the
AD8220 typically has a noise corner of only 10 Hz.
With the proliferation of mixed-signal processing, the number of
power supplies required in each system has grown. The AD8220 is
designed to alleviate this problem. The AD8220 can operate on a
±18 V dual supply, as well as on a single +5 V supply. Its rail-to-rail
output stage maximizes dynamic range on the low voltage supplies
common in portable applications. Its ability to run on a single 5 V
supply eliminates the need to use higher voltage, dual supplies. The
AD8220 draws a maximum of 750 μA of quiescent current, making
it ideal for battery-powered devices.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
–IN
1
RG 2
RG 3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8220
Figure 1.
10n
1n
100p
10p
1p
0.1p
–50
150
TEMPERATURE (°C)
–25
0
25
50
75
100
125
IOS
IBIAS
Figure 2. Input Bias Current and Offset Current Temperature
Gain is set from 1 to 1000 with a single resistor. Increasing the
gain increases the common-mode rejection. Measurements that
need higher CMRR when reading small signals benefit when
the AD8220 is set for large gains.
A reference pin allows the user to offset the output voltage. This
feature is useful when interfacing with analog-to-digital
converters.
The AD8220 is available in an MSOP that takes roughly half the
board area of an SOIC. Performance is specified over the
industrial temperature range of −40°C to +85°C.


Similar Part No. - AD8220ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220ARMZ AD-AD8220ARMZ Datasheet
610Kb / 29P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220ARMZ-R7 AD-AD8220ARMZ-R7 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220ARMZ-R7 AD-AD8220ARMZ-R7 Datasheet
610Kb / 29P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220ARMZ-RL AD-AD8220ARMZ-RL Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
More results

Similar Description - AD8220ARMZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8224 AD-AD8224 Datasheet
1Mb / 27P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
Rev. D
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com