Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8220ARMZ Datasheet HTML 2Page - Analog Devices AD8220ARMZ Datasheet HTML 3Page - Analog Devices AD8220ARMZ Datasheet HTML 4Page - Analog Devices AD8220ARMZ Datasheet HTML 5Page - Analog Devices AD8220ARMZ Datasheet HTML 6Page - Analog Devices AD8220ARMZ Datasheet HTML 7Page - Analog Devices AD8220ARMZ Datasheet HTML 8Page - Analog Devices AD8220ARMZ Datasheet HTML 9Page - Analog Devices AD8220ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8220
Rev. 0 | Page 6 of 28
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CURRENT
Input Bias Current
25
10
pA
Over Temperature
T = −40°C to +85°C
300
300
pA
Input Offset Current
2
0.6
pA
Over Temperature
T = −40°C to +85°C
5
5
pA
DYNAMIC RESPONSE
Small Signal Bandwidth –
3 dB
G = 1
1500
1500
kHz
G = 10
800
800
kHz
G = 100
120
120
kHz
G = 1000
14
14
kHz
Settling Time 0.01%
G = 1
3 V step
2.5
2.5
μs
G = 10
4 V step
2.5
2.5
μs
G = 100
4 V step
7.5
7.5
μs
G = 1000
4 V step
30
30
μs
Settling Time 0.001%
G = 1
3 V step
3.5
3.5
μs
G = 10
4 V step
3.5
3.5
μs
G = 100
4 V step
8.5
8.5
μs
G = 1000
4 V step
37
37
μs
Slew Rate
G = 1 to 100
2
2
V/μs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT = 0.3 V to 2.9 V for
G = 1
VOUT = 0.3 V to 3.8 V for
G > 1
G = 1
0.06
0.04
%
G = 10
0.3
0.2
%
G = 100
0.3
0.2
%
G = 1000
0.3
0.2
%
Nonlinearity
VOUT = 0.3 V to 2.9 V for
G = 1
VOUT = 0.3 V to 3.8 V for
G > 1
G = 1
RL = 10 kΩ
35
50
35
50
ppm
G = 10
RL = 10 kΩ
35
50
35
50
ppm
G = 100
RL = 10 kΩ
50
75
50
75
ppm
G = 1000
RL = 10 kΩ
650
750
650
750
ppm
G = 1
RL = 2 kΩ
35
50
35
50
ppm
G = 10
RL = 2 kΩ
35
50
35
50
ppm
G = 100
RL = 2 kΩ
50
75
50
75
ppm
Gain vs. Temperature
G = 1
3
10
2
5
ppm/°C
G > 10
−50
−50
ppm/°C
INPUT
Impedance (Pin to Ground)1
104||6
104||6
GΩ||pF
Input Voltage Range2
−0.1
+VS − 2
−0.1
+VS − 2
V
Over Temperature
T = −40°C to +85°C
−0.1
+VS − 2.1
−0.1
+VS − 2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com