Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8220ARMZ Datasheet HTML 1Page - Analog Devices AD8220ARMZ Datasheet HTML 2Page - Analog Devices AD8220ARMZ Datasheet HTML 3Page - Analog Devices AD8220ARMZ Datasheet HTML 4Page - Analog Devices AD8220ARMZ Datasheet HTML 5Page - Analog Devices AD8220ARMZ Datasheet HTML 6Page - Analog Devices AD8220ARMZ Datasheet HTML 7Page - Analog Devices AD8220ARMZ Datasheet HTML 8Page - Analog Devices AD8220ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8220
Rev. 0 | Page 5 of 28
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±2.253
±18
±2.253
±18
V
Quiescent Current
750
750
μA
Over Temperature
T = −40°C to +85°C
850
850
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
Operational4
−40
+125
−40
+125
°C
1 Differential and common-mode input impedance can be calculated from the pin impedance: ZDIFF = 2(ZPIN); ZCM = ZPIN/2.
2 The AD8220 can operate up to a diode drop below the negative supply but the bias current increases sharply. The input voltage range reflects the maximum
allowable voltage where the input bias current is within the specification.
3 At this supply voltage, ensure that the input common-mode voltage is within the input voltage range specification.
4 The AD8220 is characterized from −40°C to +125°C. See the
section for expected operation in this temperature range.
Typical Performance Characteristics
VS + = 5 V, VS− = 0 V, VREF = 2.5 V, TA = +25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 2.
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
RATIO (CMRR)
CMRR DC to 60 Hz with
1 kΩ Source Imbalance
VCM
= 0 to 2.5 V
G = 1
78
86
dB
G = 10
94
100
dB
G = 100
94
100
dB
G = 1000
94
100
dB
CMRR at 5 kHz
G = 1
74
80
dB
G = 10
84
90
dB
G = 100
84
90
dB
G = 1000
84
90
dB
NOISE
RTI noise = √(eni2 +
(eno/G)2)
Voltage Noise, 1 kHz
Input Voltage Noise, eni
VIN+, VIN− = 0 V, VREF = 0 V
14
14
17
nV√Hz
Output Voltage Noise, eno
VIN+, VIN− = 0 V, VREF = 0 V
90
90
100
nV√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
5
5
μV p-p
G = 1000
0.8
0.8
μV p-p
Current Noise
f = 1 kHz
1
1
fA/√Hz
VOLTAGE OFFSET
Input Offset, VOSI
300
200
μV
Average TC
T = −40°C to +85°C
10
5
μV/°C
Output Offset, VOSO
800
600
μV
Average TC
T = −40°C to +85°C
10
5
μV/°C
Offset RTI vs. Supply (PSR)
G = 1
86
86
dB
G = 10
96
100
dB
G = 100
96
100
dB
G = 1000
96
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com