Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSERIES Datasheet(PDF) 3 Page - Exxelia Group

Part # CSERIES
Description  High Voltage Chips Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSERIES Datasheet(HTML) 3 Page - Exxelia Group

  CSERIES Datasheet HTML 1Page - Exxelia Group CSERIES Datasheet HTML 2Page - Exxelia Group CSERIES Datasheet HTML 3Page - Exxelia Group CSERIES Datasheet HTML 4Page - Exxelia Group CSERIES Datasheet HTML 5Page - Exxelia Group CSERIES Datasheet HTML 6Page - Exxelia Group CSERIES Datasheet HTML 7Page - Exxelia Group CSERIES Datasheet HTML 8Page - Exxelia Group CSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CERAMIC CAPACITORS
53
www.exxelia.com
General characteristics
Page revised 02/21
STANDARD RATINGS
Size
4040
5440
5550
6560
11283
16080
Exxelia
size code
83
84
89
85
87
88
L*
0.400 ± 0.039
(10.16 ±1)
0.539 ± 0.039
(13.7 ± 1)
0.551 ± 0.039
(14 ± 1)
0.650 ± 0.039
(16.5 ± 1)
1.122 ± 0.039
(28.5 ± 1)
1.555 ± 0.039
(39.5 ± 1)
W*
0.400 ± 0.039
(10.16 ± 1)
0.400 ± 0.039
(10.16 ± 1)
0.500 ± 0.039
(12.7 ± 1)
0.598 ± 0.039
(15.2 ± 1)
0.827 ± 0.039
(21 ± 1)
0.756 ± 0.039
(19.2 ± 1)
a
0.059 ± 0.020
(1.5 ± 0.5)
0.059 ± 0.020
(1.5 ± 0.5)
0.059 ± 0.020
(1.5 ± 0.5)
0.059 ± 0.020
(1.5 ± 0.5)
0.059 ± 0.020
(1.5 ± 0.5)
0.059 ± 0.020
(1.5 ± 0.5)
d
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
b
0.315 ± 0.020
(8 ± 0.5)
0.315 ± 0.020
(8 ± 0.5)
0.315 ± 0.020
(8 ± 0.5)
0.591 ± 0.020
(15 ± 0.5)
0.591 ± 0.020
(15 ± 0.5)
0.591 ± 0.020
(15 ± 0.5)
R min.
0.275
(7)
0.393
(10)
0.393
(10)
0.511
(13)
0.984
(25)
1.377
(35)
C max.
0.473
(12)
0.611
(15.5)
0.63
(16)
0.729
(18.5)
1.26
(32)
1.654
(42)
X
0.45 ± 0.020
(11.43 ± 0.5)
0.551 ± 0.020
(14 ± 0.5)
0.563 ± 0.020
(14.3 ± 0.5)
0.7 ± 0.020
(17.78 ± 0.5)
1.15 ± 0.020
(29.21 ± 0.5)
1.6 ± 0.020
(40.64 ± 0.5)
Leads per side
4
4
5
6
6
6
T max.*
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV up to 10kV: 0.237 (6)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV up to 10kV: 0.237 (6)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV up to 10kV: 0.237 (6)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV up to 10kV: 0.237 (6)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV: 0.237 (6)
7.5kV up to 10kV:
0.256 (6.5)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV: 0.236 (6)
7.5kV up to 10kV:
0.256 (6.5)
Dielectric
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
Exxelia ceramic code
1421421421421421
4
2
Min. Capacitance value
10pF
180pF
270pF
22pF
270pF
390pF
27pF
390pF
560pF
47pF
470pF
1nF
120pF
1nF
2.2nF
150pF
1.8nF 2.7nF
0.2kV
Standard
56nF
1.2
µF
2.7
µF
82nF
1.5
µF
3.9
µF
100nF
1.8
µF
4.7
µF
180nF
2.7
µF
6.8
µF
330nF
6.8
µF
12
µF
390nF
8.2
µF
15
µF
Extended
180nF
-
5.6
µF
270nF
-
6.8
µF
220nF
-
8.2
µF
560nF
-
12
µF1µF-
33
µF
1.2
µF-
39
µF
0.5kV
Standard
33nF
270nF
680nF
47nF
330nF
1
µF
56nF
390nF
1.2
µF
82nF
680nF
1.8
µF
150nF
1.5
µF
3.9
µF
270nF
1.8
µF 4.7µF
Extended
100nF
390nF
1.5
µF
150nF
560nF
2.2
µF
150nF
680nF
2.7
µF
270nF
1
µF
3.9
µF
470nF
2.2
µF
10
µF
820nF
2.7
µF
12
µF
1kV
Standard
15nF
82nF
150nF
22nF
82nF
220nF
33nF
120nF
270nF
39nF
220nF
390nF
82nF
560nF
1
µF
150nF 680nF 1.2
µF
Extended
47nF
120nF
390nF
68nF
120nF
560nF
82nF
220nF
560nF
120nF
330nF
1
µF
270nF
680nF
2.7
µF
470nF
1
µF
3.3
µF
1.5kV
Standard
8.2nF
39nF
82nF
12nF
39nF
100nF
15nF
68nF
150nF
22nF
100nF
180nF
47nF
220nF
470nF
68nF
330nF 560nF
Extended
18nF
56nF
180nF
22nF
56nF
220nF
33nF
100nF
330nF
47nF
150nF
470nF
100nF
330nF
1.2
µF
150nF 470nF 1.5
µF
2kV
Standard
4.7nF
18nF
33nF
6.8nF
22nF
68nF
8.2nF
39nF
68nF
12nF
56nF
100nF
27nF
120nF
220nF
39nF
180nF 330nF
Extended
10nF
27nF
100nF
15nF
33nF
150nF
18nF
56nF
150nF
27nF
82nF
220nF
56nF
180nF
560nF
82nF
270nF 820nF
3kV
Standard
1.5nF
8.2nF
15nF
2.7nF
10nF
27nF
3.3nF
18nF
27nF
4.7nF
27nF
39nF
12nF
56nF
100nF
15nF
68nF 120nF
Extended
3.3nF
12nF
39nF
5.6nF
15nF
56nF
10nF
22nF
68nF
10nF
39nF
100nF
27nF
82nF
270nF
33nF
100nF 330nF
4kV
Standard
1.2nF
6.8nF
10nF
2.2nF
6.8nF
15nF
2.7nF
12nF
18nF
3.9nF
18nF
27nF
10nF
39nF
68nF
12nF
47nF 100nF
Extended
2.7nF
10nF
18nF
4.7nF
10nF
27nF
6.8nF
18nF
39nF
8.2nF
27nF
47nF
22nF
56nF
120nF
27nF
82nF 150nF
5kV
Standard
1nF
4.7nF
5.6nF
1.8nF
4.7nF
10nF
1.8nF
8.2nF
12nF
3.3nF
12nF
18nF
8.2nF
27nF
56nF
10nF
33nF
68nF
Extended
2.2nF
6.8nF
15nF
3.9nF
6.8nF
22nF
4.7nF
12nF
27nF
6.8nF
18nF
39nF
15nF
39nF
82nF
18nF
47nF 100nF
7.5kV
Standard
150pF
-
1.5nF
270pF
-
2.7nF
470pF
-
3.3nF
560pF
-
6.8nF
1.5nF
-
18nF
2.2nF
-
27nF
Extended
330pF
-
3.3nF
560pF
-
5.6nF
1.2nF
-
6.8nF
1.2nF
-
12nF
3.3nF
-
33nF
4.7nF
-
47nF
10kV
Standard
100pF
-
680pF
180pF
-
1.2nF
270pF
-
1.5nF
390pF
-
3.3nF
1nF
-
8.2nF
1.5nF
-
12nF
Extended
220pF
-
1.8nF
390pF
-
3.3nF
680pF
-
3.9nF
820pF
-
6.8nF
2.2nF
-
15nF
3.3nF
-
27nF
* For E, EW, H and HW: add +0.020 inch (+0.5 mm) to L, W and T dimensions.
The high voltage parts may require varnish or encapsulation to prevent surface arcing.
Available capacitance values:
NPO, C4xx dielectrics: E6, E12, E24 (see page 14). Specific values upon request.
X7R dielectric: E6, E12 in standard (see page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.
High Voltage Chips Capacitors
C Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com