Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSERIES Datasheet(PDF) 8 Page - Exxelia Group

Part # CSERIES
Description  High Voltage Chips Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSERIES Datasheet(HTML) 8 Page - Exxelia Group

Back Button CSERIES Datasheet HTML 4Page - Exxelia Group CSERIES Datasheet HTML 5Page - Exxelia Group CSERIES Datasheet HTML 6Page - Exxelia Group CSERIES Datasheet HTML 7Page - Exxelia Group CSERIES Datasheet HTML 8Page - Exxelia Group CSERIES Datasheet HTML 9Page - Exxelia Group CSERIES Datasheet HTML 10Page - Exxelia Group CSERIES Datasheet HTML 11Page - Exxelia Group CSERIES Datasheet HTML 12Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CERAMIC CAPACITORS
50
www.exxelia.com
Taping : dimensions
Page revised 02/21
DIMENSIONS in inches (mm)
Exxelia
size
code
Lead
shape
C max
inches (mm)
Leads
per
side
d
inches (mm)
b
inches (mm)
C1
inches (mm)
W1
inches (mm)
I1
inches (mm)
I2
inches (mm)
I3
inches (mm)
90
P *
0.228
(5.8)
2
0.06 ± 0.012
(1.5 ± 0.3)
-
-
0.268
(6.8)
0.147
(3.74)
0.047 (1.2) 0.108
(2.75)
0.098
(2.5)
L
0.394
(10)
2
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.433
(11)
0.147
(3.74)
0.047 (1.2) 0.152
(3.85)
0.130
(3.3)
R
0.386
(9.8)
1
0.087 ± 0.008
(2.2 ± 0.2)
0.197 ± 0.02 (5 ± 0.5)
0.425
(10.8)
0.244
(6.2)
-
-
0.148
(3.75)
0.130
(3.3)
80
P *
0.276
(7)
2
0.06 ± 0.012
(1.5 ± 0.3)
-
-
0.315
(8)
0.147
(3.74)
0.047 (1.2) 0.108
(2.75)
0.098
(2.5)
L
0.480
(12.2)
2
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.520
(13.2)
0.147
(3.74)
0.047 (1.2) 0.171
(4.35)
0.177
(4.5)
R
0.433
(11)
1
0.087 ± 0.008
(2.2 ± 0.2)
0.197 ± 0.02 (5 ± 0.5)
0.472
(12)
0.244
(6.2)
-
-
0.148
(3.75)
0.177
(4.5)
91
P *
0.276
(7)
2
0.06 ± 0.012
(1.5 ± 0.3)
-
-
0.315
(8)
0.147
(3.74)
0.047 (1.2) 0.108
(2.75)
0.098
(2.5)
L
0.480
(12.2)
2
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.520
(13.2)
0.147
(3.74)
0.047 (1.2) 0.171
(4.35)
0.177
(4.5)
R
0.433
(11)
1
0.087 ± 0.008
(2.2 ± 0.2)
0.197 ± 0.02 (5 ± 0.5)
0.472
(12)
0.244
(6.2)
-
-
0.148
(3.75)
0.177
(4.5)
81
P *
0.315
(8)
2
0.087 ± 0.012
(2.2 ± 0.3)
-
-
0.354
(9)
0.147
(3.74)
0.047 (1.2) 0.108
(2.75)
0.138
(3.5)
L
0.531
(13.5)
2
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.571
(14.5)
0.147
(3.74)
0.047 (1.2) 0.171
(4.35)
0.228
(5.8)
R
0.484
(12.3)
1
0.087 ± 0.008
(2.2 ± 0.2)
0.197 ± 0.02 (5 ± 0.5)
0.524
(13.3)
0.244
(6.2)
-
-
0.148
(3.75)
0.228
(5.8)
82
P *
0.354
(9)
3
0.087 ± 0.012
(2.2 ± 0.3)
-
-
0.394
(10)
0.247
(6.28) 0.047 (1.2) 0.108
(2.75)
0.177
(4.5)
L
0.587
(14.9)
3
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.626
(15.9)
0.247
(6.28) 0.047 (1.2) 0.171
(4.35)
0.283
(7.2)
R
0.642
(16.3)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.315 ± 0.02 (8 ± 0.5)
0.681
(17.3)
0.362
(9.2)
-
-
0.199
(5.05)
0.283
(7.2)
83
P *
0.472
(12)
4
0.087 ± 0.012
(2.2 ± 0.3)
-
-
0.512
(13)
0.347
(8.82)
0.047 (1.2) 0.118
(3)
0.276
(7)
L
0.676
(17.16)
4
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.715
(18.16)
0.347
(8.82)
0.047 (1.2) 0.191
(4.85)
0.333
(8.46)
R
0.731
(18.56)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.315 ± 0.02 (8 ± 0.5)
0.770
(19.56) 0.362
(9.2)
-
-
0.219
(5.55)
0.333
(8.46)
84
P *
0.610
(15.5)
4
0.087 ± 0.012
(2.2 ± 0.3)
-
-
0.650
(16.5)
0.347
(8.82)
0.047 (1.2) 0.128
(3.25)
0.394
(10)
L
0.815
(20.7)
4
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.854
(21.7)
0.347
(8.82)
0.047 (1.2) 0.191
(4.85)
0.472
(12)
R
0.870
(22.1)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.315 ± 0.02 (8 ± 0.5)
0.909
(23.1)
0.362
(9.2)
-
-
0.219
(5.55)
0.472
(12)
89
P *
0.630
(16)
5
0.087 ± 0.012
(2.2 ± 0.3)
-
-
0.669
(17)
0.347
(8.82)
0.047 (1.2) 0.128
(3.25)
0.413
(10.5)
L
0.827
(21)
5
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.866
(22)
0.347
(8.82)
0.047 (1.2) 0.191
(4.85)
0.484
(12.3)
R
0.882
(22.4)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.315 ± 0.02 (8 ± 0.5)
0.921
(23.4)
0.362
(9.2)
-
-
0.219
(5.55)
0.484
(12.3)
85
P *
0.728
(18.5)
6
0.087 ± 0.012
(2.2 ± 0.3)
-
-
0.768
(19.5)
0.547
(13.9)
0.047 (1.2) 0.128
(3.25)
0.512
(13)
L
0.925
(23.5)
6
0.098 ± 0.02
(2.5 ± 0.5)
-
-
0.965
(24.5)
0.547
(13.9)
0.047 (1.2) 0.191
(4.85)
0.583
(14.8)
R
0.980
(24.9)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.591 ± 0.02 (15 ± 0.5)
1.020
(25.9)
0.638
(16.2)
-
-
0.219
(5.55)
0.583
(14.8)
87
P *
1.260
(32)
6
0.087 ± 0.012
(2.2 ± 0.3)
-
-
1.299
(33)
0.547
(13.9)
0.047 (1.2) 0.128
(3.25)
0.945
(24)
L
1.398
(35.5)
6
0.098 ± 0.02
(2.5 ± 0.5)
-
-
1.437
(36.5)
0.547
(13.9)
0.047 (1.2) 0.191
(4.85)
1.055
(26.8)
R
1.453
(36.9)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.591 ± 0.02 (15 ± 0.5)
1.492
(37.9)
0.638
(16.2)
-
-
0.219
(5.55)
1.055
(26.8)
88
P *
1.654
(42)
6
0.087 ± 0.012
(2.2 ± 0.3)
-
-
1.693
(43)
0.547
(13.9)
0.047 (1.2) 0.128
(3.25)
1.378
(35)
L
1.831
(46.5)
6
0.098 ± 0.02
(2.5 ± 0.5)
-
-
1.870
(47.5)
0.547
(13.9)
0.047 (1.2) 0.191
(4.85)
1.488
(37.8)
R
1.886
(47.9)
1
0.138 ± 0.008
(3.5 ± 0.2)
0.591 ± 0.02 (15 ± 0.5)
1.925
(48.9)
0.638
(16.2)
-
-
0.219
(5.55)
1.488
(37.8)
* For PL and PLS, add 0.098 in (2.5 mm) to d and I2 and 0.197 in (5 mm) to C1.
b
d
0.098±0.02
(2.5±0.5)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
R
d
0.02
(0.5)
P* Model
R Model
L Model
d
I
2
I
1
I
1
I
3
I
2
C
1
d
I
2
I
3
I
2
C
1
d
I
2
W
1
W
1
W
1
I
1
I
1
0.1 (2.54)
0.1
(2.54)
0.1 (2.54)
I
3
I
2
C
1
RECOMMENDED FOOTPRINTS
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com