Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSERIES Datasheet(PDF) 1 Page - Exxelia Group

Part # CSERIES
Description  High Voltage Chips Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSERIES Datasheet(HTML) 1 Page - Exxelia Group

  CSERIES Datasheet HTML 1Page - Exxelia Group CSERIES Datasheet HTML 2Page - Exxelia Group CSERIES Datasheet HTML 3Page - Exxelia Group CSERIES Datasheet HTML 4Page - Exxelia Group CSERIES Datasheet HTML 5Page - Exxelia Group CSERIES Datasheet HTML 6Page - Exxelia Group CSERIES Datasheet HTML 7Page - Exxelia Group CSERIES Datasheet HTML 8Page - Exxelia Group CSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CERAMIC CAPACITORS
51
www.exxelia.com
General characteristics
Page revised 02/21
ELECTRICAL SPECIFICATIONS
Dielectric
NPO
C4xx
X7R
Dielectriccode
1
4
2
Maximum ∆C/°C
over temperature range without
voltage
NA
NA
±15%
Temperature coefficient
(0±30) ppm/°C
(–2,200±500) ppm/°C
NA
Aging
None
None
≤ 2.5% per decade hour
Operating temperature
–55°C to +125°C
Rated voltage (URC)
200 VDC to
10,000 VDC
200 VDC to
5,000 VDC
200 VDC to
10,000 VDC
Dielectric
withstanding voltage
2.5 URC for URC ≤ 500 VDC
1.6 URC for URC ≥ 1,000 VDC
Extended range:
2 URC for URC ≤ 500 VDC
1.3 URC for URC ≥ 1,000 VDC
2.5 URC for = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.4 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.2 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
Capacitance
at 1MHz for C ≤ 1,000pf
at 1kHz for C > 1,000pf
at 1kHz
at 1kHz
Dissipation factor
≤ 0.015(150/C+7)%at1MHz
for C ≤ 50pf
≤ 0.10% at 1kHz
≤ 2.5% at 1kHz
≤ 0.15% at 1MHz
for 50pf < C ≤ 1,000pf
≤ 0.15% at 1kHz
for C > 1,000pf
Insulation resistance at 25°C
under URC for URC ≤ 500VDC
under 500VDC for URC > 500VDC
≥ 100,000 MΩ for C ≤ 10nf
≥ 1,000 MΩ.
µF for C > 10nf
≥ 20,000 MΩ for C ≤ 25nf
≥ 500 MΩ.
µF for C > 25nf
FEATURES
• Multilayer chip ceramic capacitors
• Size 1515 to 16080
• NPO, C4xx and X7R dielectrics
• Capacitance range: 10pf to 39
µF
• Voltage range: 200 VDC to 10,000 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
• C Series: Unleaded chip capacitors for surface mounting
with optional tinning.
• P, PL, L models: DIL leaded uncoated chip capacitors
for surface mounting recommended to eliminate
thermomechanical stresses.
• N, NU models: DIL leaded chip capacitors for through-hole
circuits (N: varnished chips, NU: uncoated chips).
• R, RU models: Ribbon leaded chip capacitors for surface
mounting (R: varnished chips, RU: uncoated chips)
recommended to eliminate thermomechanical stresses.
MARKING (On request on unleaded chips)
Series, capacitance value, tolerance, rated voltage clear or
coded, date code.
High Voltage Chips Capacitors
C Series
C2
80
C
P
M
F1
µF
10%
200V
S12
T5
Series
Dielectric
Exxelia
size code
Termination
(Bare chips only)
Leads style
+ finishing
(Leadedchipsonly)
Marking
Quality level Capacitance
Tolerance
Rated
voltage
Packaging
Reliability
level
C = High
voltage
chip
capacitor
1 = NPO
2 = X7R
4 = C4xx
78 = 1515
79 = 1812
90 = 1825
80 = 2220
91 = 2225
81 = 2825
82 = 3333
83 = 4040
84 = 5440
89 = 5550
85 = 6560
87 = 11283
88 = 16080
W = RoHS compliant
P
PW - RoHS
PL
PLW - RoHS
L
LW - RoHS
R
RW - RoHS
RU
RUW - RoHS
N
NW - RoHS
NU
NUW - RoHS
not available
for sizes 1515
and 1812
Only for unleaded
chips
(Leaded chips are
always marked).
- = no marking
M = Marking:
For sizes 1515 -
1825: Cap. value.
For other sizes:
EFD,
Series, cap. value,
tolerance,rated
voltage,
date code.
- = standard
quality level
F = Hi-Rel
quality:
screening
in accordance
with
Exxelia
specification
Capacitance
value in clear
For NPO dielectric:
±1%
±2%
±5%
±10%
±20%
For C4xx dielectric:
±2%
±5%
±10%
±20%
For X7R dielectric:
±10%
±20%
200V
500V
1,000V
1,500V
2,000V
3,000V
4,000V
5,000V
7,500V
10,000V
Intermediary
and higher
voltages
available on
request.
- = Exxelia
packaging
(leaded chips :
thermoformed
packaging)
Only available for
unleaded chips:
Sizes 1515 - 2220:
S12 = Super 12 reel
Sizes 1812 and 2220
BA = Tray package
(non oriented chips)
BAO = Tray package
(oriented chips)
See page 13
For F parts
only.
Acc. to
Exxelia
spec.
-
T5
T6
See
page 15
For all sizes
-
Ag/Pd/Pt
W
Ag/Pd/Pt
Q
wAg
QW
Ag
From 1812 to 3333 sizes
-
Ag/Pd/Pt
W
Ag/Pd/Pt
H
Ag/Pd/Pt +
dipped
Sn/Pb 60/40
HW
Ag/Pd/Pt
+ dipped Sn
E
Ni
+ dipped
Sn/Pb 60/40
EW
Ni
+ dipped Sn
C
Ni
+ electrolytic
Sn/Pb 95/5
CW
Ni
+ electrolytic
Sn
D
Ag + Ni
+ electrolytic
Sn/Pb 60/40
-
G
Ni
+ electrolytic
Gold
-
From 1812 to 4040 sizes
YC
Ag + Polymer
+ Ni + Sn/Pb
95/5
YCW Ag + Polymer
+ Ni + Sn
YD
Ag + Polymer
+ Ni + Sn/Pb
60/40
-
YG Ag + Polymer
+ Ni + Au
YGW Ag + Polymer
+ Ni + Au
ESA Qualified
According to
Available space ranges:
consult our detail
specifications


Similar Part No. - CSERIES

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
CSE-113MTQ-560CB SUPERMICRO-CSE-113MTQ-560CB Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
CSE-113MTQ-563CB SUPERMICRO-CSE-113MTQ-563CB Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
CSE-113MTQ-R400CB SUPERMICRO-CSE-113MTQ-R400CB Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
logo
CITIZEN ELECTRONICS CO....
CSE-145 CITIZEN-CSE-145 Datasheet
316Kb / 1P
kHz RANGE CRYSTAL UNITS
logo
Super Micro Computer, I...
CSE-510-200B SUPERMICRO-CSE-510-200B Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
More results

Similar Description - CSERIES

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
3VD156600YL SILAN-3VD156600YL Datasheet
79Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
3VD324400YL SILAN-3VD324400YL Datasheet
97Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
3VD379600YL SILAN-3VD379600YL Datasheet
22Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
High Voltage MLC Chips
1206GC102KAT1A AVX-1206GC102KAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips
1812AA102JAT1A AVX-1812AA102JAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips
1812GC102KAT1A AVX-1812GC102KAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com