Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSERIES Datasheet(PDF) 2 Page - Exxelia Group

Part # CSERIES
Description  High Voltage Chips Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSERIES Datasheet(HTML) 2 Page - Exxelia Group

  CSERIES Datasheet HTML 1Page - Exxelia Group CSERIES Datasheet HTML 2Page - Exxelia Group CSERIES Datasheet HTML 3Page - Exxelia Group CSERIES Datasheet HTML 4Page - Exxelia Group CSERIES Datasheet HTML 5Page - Exxelia Group CSERIES Datasheet HTML 6Page - Exxelia Group CSERIES Datasheet HTML 7Page - Exxelia Group CSERIES Datasheet HTML 8Page - Exxelia Group CSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CERAMIC CAPACITORS
52
www.exxelia.com
Taping : dimensions
Page revised 02/21
DIMENSIONS in inches (mm)
STANDARD RATINGS
Size
1515
1812
1825
2220
2225
2825
3333
Exxelia
size code
78
79
90
80
91
81
82
L*
0.15 ± 0.015
(3.8 ± 0.38)
0.177 ± 0.020
(4.5 ± 0.5)
0.177 ± 0.020
(4.5 ± 0.5)
0.224 ± 0.020
(5.7 ± 0.5)
0.224 ± 0.020
(5.7 ± 0.5)
0.276 ± 0.020
(7 ± 0.5)
0.331 ± 0.020
(8.4 ± 0.5)
W*
0.15 ± 0.015
(3.8 ± 0.38)
0.126 ± 0.020
(3.2 ± 0.5)
0.250 ± 0.020
(6.35 ± 0.5)
0.197 ± 0.020
(5.0 ± 0.5)
0.250 ± 0.020
(6.35 ± 0.5)
0.250 ± 0.020
(6.35 ± 0.5)
0.331 ± 0.020
(8.4 ± 0.5)
a
0.012 min
(0.3 min)
0.024 ± 0.020
(0.6 ± 0.5)
0.024 ± 0.020
(0.6 ± 0.5)
0.028 ± 0.020
(0.7 ± 0.5)
0.028 ± 0.020
(0.7 ± 0.5)
0.039 ± 0.020
(1 ± 0.5)
0.039 ± 0.020
(1 ± 0.5)
d
-
-
-
-
0.087 ± 0.008
(2.2 ± 0.2)
0.087 ± 0.008
(2.2 ± 0.2)
0.087 ± 0.008
(2.2 ± 0.2)
0.087 ± 0.008
(2.2 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
b
-
-
-
-
0.197 ± 0.020
(5 ± 0.5)
0.197 ± 0.020
(5 ± 0.5)
0.197 ± 0.020
(5 ± 0.5)
0.197 ± 0.020
(5 ± 0.5)
0.315 ± 0.020
(8 ± 0.5)
R min.
-
-
-
-
0.066
(1.7)
0.098
(2.5)
0.098
(2.5)
0.137
(3.5)
0.177
(4.5)
C max.
-
-
-
-
0.229
(5.8)
0.276
(7)
0.276
(7)
0.315
(8)
0.355
(9)
X
-
-
-
-
0.2 ± 0.020
(5.08 ± 0.5)
0.248 ± 0.020
(6.3 ± 0.5)
0.248 ± 0.020
(6.3 ± 0.5)
0.300 ± 0.020
(7.62 ± 0.5)
0.350 ± 0.020
(8.9 ± 0.5)
Leads per side
-
2
2
2
2
3
T max.*
0.154
(3.9)
0.138
(3.5)
0.138
(3.5)
0.2kV up to 3kV: 0.119 (3)
4kV-5kV: 0.150 (3.8)
0.2kV up to 3kV: 0.158 (4)
4kV-5kV: 0.197 (5)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV: 0.237 (6)
0.2kV up to 3kV: 0.158 (4)
4kV: 0.197 (5)
5kV: 0.237 (6)
Dielectric
NPO
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
Exxelia ceramic code
1214214214214214214
2
Min. Capacitance value
12pF
120pF
10pF
27pF 100pF 10pF
33pF 150pF 10pF
33pF 150pF
15pF
47pF 150pF 18pF
56pF 150pF 33pF
82pF
330pF
0.2kV
Standard
-
-
5.6nF 120nF 220nF 12nF 220nF 470nF 12nF 220nF 390nF 15nF 330nF 560nF 18nF 390nF 820nF 33nF 680nF 1.5
µF
Extended
-
-
18nF
-
470nF 27nF
-
-
22nF
-
1
µF
39nF
-
-
56nF
-
1.8
µF 100nF
-
2.7
µF
0.5kV
Standard
-
-
3.3nF
22nF
47nF
6.8nF
47nF 100nF 5.6nF
47nF 100nF 6.8nF
68nF 150nF 8.2nF
82nF 220nF 22nF 120nF 390nF
Extended
-
-
10nF
39nF 150nF 18nF
68nF
-
18nF
68nF 270nF 22nF 100nF
-
27nF 120nF 560nF 68nF 220nF
1
µF
1kV
Standard
-
-
1.8nF 6.8nF
15nF
2.7nF
12nF
22nF
2.2nF
12nF
22nF
3.3nF
18nF
33nF
3.9nF
22nF
47nF
10nF
39nF
68nF
Extended
820pF 12nF
5.6nF
10nF
27nF
8.2nF
15nF
-
6.8nF
15nF
56nF
10nF
22nF
-
12nF
27nF 120nF 33nF
56nF
220nF
1.5kV
Standard
-
-
820pF 2.7nF 5.6nF 1.2nF 5.6nF
10nF
1.5nF 5.6nF
10nF
2.2nF 8.2nF
15nF
2.7nF
10nF
18nF
4.7nF
18nF
33nF
Extended
-
-
1.5nF 3.9nF
12nF
2.2nF 8.2nF
-
2.2nF 6.8nF
22nF
3.3nF
12nF
-
4.7nF
15nF
47nF
8.2nF
27nF
82nF
2kV
Standard
-
-
390pF 1.5nF 3.3nF 680pF 2.7nF 5.6nF 470pF 2.7nF 5.6nF 820pF 4.7nF 6.8nF 1.2nF 5.6nF
10nF
3.3nF
10nF
18nF
Extended
470pF 2.7nF 820pF 2.2nF 5.6nF 1.2nF 3.9nF
-
1nF
3.9nF
12nF
1.8nF 6.8nF
-
2.7nF 8.2nF
27nF
6.8nF
15nF
47nF
3kV
Standard
-
-
180pF 680pF 1.2nF 180pF 1.2nF 2.2nF 220pF 1.2nF 2.2nF 330pF 1.8nF 3.3nF 470pF 2.2nF 3.9nF 820pF 3.9nF
6.8nF
Extended
220pF
1nF
390pF
1nF
2.7nF 680pF 1.8nF
-
470pF 1.8nF 4.7nF 820pF 2.7nF
-
1nF
3.3nF
12nF
1.8nF 5.6nF
22nF
4kV
Standard
-
-
100pF 330pF 680pF 120pF 680pF
1nF
150pF 820pF 1.2nF 220pF 1.2nF 1.8nF 390pF 1.5nF 2.7nF 680pF 3.3nF
4.7nF
Extended
150pF 470pF 220pF 560pF
-
330pF
1nF
-
330pF 1.2nF 2.2nF 680pF 1.8nF
-
820pF 2.2nF 4.7nF 1.5nF 4.7nF
10nF
5kV
Standard
-
-
-
-
-
-
-
-
100pF 560pF 820pF 150pF 820pF
1nF
270pF
1nF
1.8nF 470pF 2.2nF
3.3nF
Extended
-
-
-
-
-
-
-
-
220pF 820pF 1.5nF 320pF 1.2nF
-
560pF 1.5nF 3.3nF
1nF
2.7nF
6.8nF
L
W
b
d
L
R
W
0.1
(2.54)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
X
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
W
a
L. W. T for tinned chips (option E or H) : +0.02’’ (+0.5 mm)
L
C
R
W
0.02
(0.5)
0.098±0.02
(2.5±0.5)
C Model
P Model
PL Model
R Model
L Model
N Model
0.098±0.02
(2.5±0.5)
L
W
b
d
L
R
W
0.1
(2.54)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
X
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
W
a
L. W. T for tinned chips (option E or H) : +0.02’’ (+0.5 mm)
L
C
R
W
0.02
(0.5)
0.098±0.02
(2.5±0.5)
C Model
P Model
PL Model
R Model
L Model
N Model
0.098±0.02
(2.5±0.5)
L
W
b
d
L
R
W
0.1
(2.54)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
X
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
W
a
L. W. T for tinned chips (option E or H) : +0.02’’ (+0.5 mm)
L
C
R
W
0.02
(0.5)
0.098±0.02
(2.5±0.5)
C Model
P Model
PL Model
R Model
L Model
N Model
0.098±0.02
(2.5±0.5)
L
W
b
d
L
R
W
0.1
(2.54)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
X
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
W
a
L. W. T for tinned chips (option E or H) : +0.02’’ (+0.5 mm)
L
C
R
W
0.02
(0.5)
0.098±0.02
(2.5±0.5)
C Model
P Model
PL Model
R Model
L Model
N Model
0.098±0.02
(2.5±0.5)
L
W
b
d
L
R
W
0.1
(2.54)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
X
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
W
a
L. W. T for tinned chips (option E or H) : +0.02’’ (+0.5 mm)
L
C
R
W
0.02
(0.5)
0.098±0.02
(2.5±0.5)
C Model
P Model
PL Model
R Model
L Model
N Model
0.098±0.02
(2.5±0.5)
L
W
b
d
L
R
W
0.1
(2.54)
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
X
L
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
W
a
L. W. T for tinned chips (option E or H) : +0.02’’ (+0.5 mm)
L
C
R
W
0.02
(0.5)
0.098±0.02
(2.5±0.5)
C Model
P Model
PL Model
R Model
L Model
N Model
0.098±0.02
(2.5±0.5)
C Series
High Voltage Chips Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com