Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9547 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCA9547 Datasheet HTML 2Page - Texas Instruments PCA9547 Datasheet HTML 3Page - Texas Instruments PCA9547 Datasheet HTML 4Page - Texas Instruments PCA9547 Datasheet HTML 5Page - Texas Instruments PCA9547 Datasheet HTML 6Page - Texas Instruments PCA9547 Datasheet HTML 7Page - Texas Instruments PCA9547 Datasheet HTML 8Page - Texas Instruments PCA9547 Datasheet HTML 9Page - Texas Instruments PCA9547 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
6 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
6.
Functional description
6.1 Device addressing
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9547 is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9547, which will be stored in the Control register. If multiple bytes are
received by the PCA9547, it will save the last byte received. This register can be written
and read via the I2C-bus.
6.2.1 Control register definition
A SCx/SDx downstream pair, or channel, is selected by the contents of the control
register. This register is written after the PCA9547 has been addressed. The 4 LSBs of
the control byte are used to determine which channel is to be selected. When a channel is
selected, the channel will become active after a STOP condition has been placed on the
I2C-bus. This ensures that all SCx/SDx lines will be in a HIGH state when the channel is
made active, so that no false conditions are generated at the time of connection.
Fig 5.
Slave address
002aaa962
1
1
1
0
A2
A1
A0 R/W
fixed
hardware
selectable
Fig 6.
Control register
002aaa963
X
X
X
X
B3
B2
B1
B0
channel selection bits
(read/write)
76543210
enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com