Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9547 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCA9547 Datasheet HTML 17Page - Texas Instruments PCA9547 Datasheet HTML 18Page - Texas Instruments PCA9547 Datasheet HTML 19Page - Texas Instruments PCA9547 Datasheet HTML 20Page - Texas Instruments PCA9547 Datasheet HTML 21Page - Texas Instruments PCA9547 Datasheet HTML 22Page - Texas Instruments PCA9547 Datasheet HTML 23Page - Texas Instruments PCA9547 Datasheet HTML 24Page - Texas Instruments PCA9547 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
21 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
13. Soldering
13.1 Introduction to soldering surface mount packages
There is no soldering method that is ideal for all surface mount IC packages. Wave
soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch
SMDs. In these situations reflow soldering is recommended.
13.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and
binding agent) to be applied to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement. Driven by legislation and
environmental forces the worldwide use of lead-free solder pastes is increasing.
Several methods exist for reflowing; for example, convection or convection/infrared
heating in a conveyor type oven. Throughput times (preheating, soldering and cooling)
vary between 100 seconds and 200 seconds depending on heating method.
Typical reflow temperatures range from 215
°Cto260 °C depending on solder paste
material. The peak top-surface temperature of the packages should be kept below:
Moisture sensitivity precautions, as indicated on packing, must be respected at all times.
13.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices
(SMDs) or printed-circuit boards with a high component density, as solder bridging and
non-wetting can present major problems.
To overcome these problems the double-wave soldering method was specifically
developed.
If wave soldering is used the following conditions must be observed for optimal results:
• Use a double-wave soldering method comprising a turbulent wave with high upward
pressure followed by a smooth laminar wave.
• For packages with leads on two sides and a pitch (e):
Table 9.
SnPb eutectic process - package peak reflow temperatures (from
J-STD-020C
July 2004)
Package thickness
Volume mm3 < 350
Volume mm3
≥ 350
< 2.5 mm
240
°C+0/−5 °C
225
°C+0/−5 °C
≥ 2.5 mm
225
°C+0/−5 °C
225
°C+0/−5 °C
Table 10.
Pb-free process - package peak reflow temperatures (from
J-STD-020C July
2004)
Package thickness
Volume mm3 < 350
Volume mm3 350 to
2000
Volume mm3 > 2000
< 1.6 mm
260
°C + 0 °C
260
°C + 0 °C
260
°C + 0 °C
1.6 mm to 2.5 mm
260
°C + 0 °C
250
°C + 0 °C
245
°C + 0 °C
≥ 2.5 mm
250
°C + 0 °C
245
°C + 0 °C
245
°C + 0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com