Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9547 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 2 Page - Texas Instruments

  PCA9547 Datasheet HTML 1Page - Texas Instruments PCA9547 Datasheet HTML 2Page - Texas Instruments PCA9547 Datasheet HTML 3Page - Texas Instruments PCA9547 Datasheet HTML 4Page - Texas Instruments PCA9547 Datasheet HTML 5Page - Texas Instruments PCA9547 Datasheet HTML 6Page - Texas Instruments PCA9547 Datasheet HTML 7Page - Texas Instruments PCA9547 Datasheet HTML 8Page - Texas Instruments PCA9547 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
2 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9547D
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
PCA9547PW
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9547BS
HVQFN24
plastic thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.85 mm
SOT616-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9547D
PCA9547D
Tamb = −40 °C to +85 °C
PCA9547PW
PCA9547
Tamb = −40 °C to +85 °C
PCA9547BS
9547
Tamb = −40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com