Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9547 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCA9547
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9547 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCA9547 Datasheet HTML 12Page - Texas Instruments PCA9547 Datasheet HTML 13Page - Texas Instruments PCA9547 Datasheet HTML 14Page - Texas Instruments PCA9547 Datasheet HTML 15Page - Texas Instruments PCA9547 Datasheet HTML 16Page - Texas Instruments PCA9547 Datasheet HTML 17Page - Texas Instruments PCA9547 Datasheet HTML 18Page - Texas Instruments PCA9547 Datasheet HTML 19Page - Texas Instruments PCA9547 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
PCA9547_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 September 2006
16 of 26
Philips Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
11. Dynamic characteristics
[1]
Pass gate propagation delay is calculated from the 20
Ω typical R
on and the 15 pF load capacitance.
[2]
After this period, the first clock pulse is generated.
[3]
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
[4]
Cb = total capacitance of one bus line in pF.
[5]
Measurements taken with 1 k
Ω pull-up resistor and 50 pF load.
Table 8.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
tPD
propagation delay
from SDA to SDn,
or SCL to SCn
-
0.3[1]
-
0.3[1]
ns
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
[2]
4.0
-
0.6
-
µs
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;DAT
data hold time
0[3]
3.45
0[3]
0.9
µs
tSU;DAT
data set-up time
250
-
100
-
ns
tr
rise time of both SDA and SCL signals
-
1000
20 + 0.1Cb[4]
300
ns
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb[4]
300
µs
Cb
capacitive load for each bus line
-
400
-
400
µs
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
tVD;DAT
data valid time
HIGH-to-LOW
[5]
-1
-
1
µs
LOW-to-HIGH
[5]
-
0.6
-
0.6
µs
tVD:ACK
data valid acknowledge time
-
1
-
1
µs
RESET
tw(rst)L
LOW-level reset time
4
-
4
-
ns
trst
reset time
SDA clear
500
-
500
-
ns
trec(rst)
reset recovery time
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com