Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS464 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LPRS464 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICS9LPRS464
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
System Clock Chip for ATI RS/RD600 series chipsets using
AMD CPUs
DATASHEET
1
Description
Output Features
ATI RD/RS600 series systems using AMD CPUs
•
Integrated Series Resistors on differential outputs
•
Greyhound Compatible CPU outputs
•
2 - 0.7V Low Power differential CPU pairs
•
6 - 0.7V Low Power differential SRC pairs
•
2 - 0.7V Low Power differential ATIG pairs
•
1 - 66 MHz HyperTransport clock
•
2 - 48MHz USB clocks
•
3 - 14.318MHz Reference clocks
Features/Benefits:
Key Specifications
•
CPU outputs cycle-to-cycle jitter <150ps
•
SRC outputs cycle-to-cycle jitter < 125ps
•
ATIG outputs cycle-to-cycle jitter < 125ps
•
+/- 100ppm frequency accuracy on all outputs if REF is
tuned to +/-100ppm
•
3 - Programmable Clock Request pins for SRC and ATIG
clocks
•
ATIGCLKs are programmable for frequency
•
Spread Spectrum for EMI reduction
•
Outputs may be disabled via SMBus
•
External crystal load capacitors for maximum frequency
accuracy
Pin Configuration
VDD
GND
5
8
USB_48 outputs
14,23,26,36 15,22,27,37
SRCCLK outputs
33
32
ATIGCLK differential outputs
42
41
Analog, PLL
46
45
CPUCLK8 differential outputs
52
50
HTTCLK output
2
1
REF outputs
Pin Number
Description
FS2
FS1
FS0
CPU
MHz
HTT
MHz
SRC
MHz
ATIG
MHz
USB
MHz
00
0Hi-Z
Hi-Z
100.00
100.00
48.00
0
0
1
X / 2
X / 3
100.00
100.00
48.00
0
1
0
230.00
76.67
100.00
100.00
48.00
0
1
1
240.00
80.00
100.00
100.00
48.00
1
0
0
100.00
66.66
100.00
100.00
48.00
1
0
1
133.33
66.66
100.00
100.00
48.00
1
1
0
166.67
66.66
100.00
100.00
48.00
1
1
1
200.00
66.66
100.00
100.00
48.00
Funtionality
Power Groups
GNDREF 1
56 FS0/REF0
VDDREF 2
55 FS1/REF1
X1 3
54 FS2/REF2
X2 4
53 **PD
VDD48 5
52 VDDHTT
48MHz_0 6
51 HTTCLK0
48MHz_1 7
50 GNDHTT
GND48 8
49 *CLKREQA#
SMBCLK 9
48 CPUKG0T_LPR
SMBDAT 10
47 CPUKG0C_LPR
RESET_IN# 11
46 VDDCPU
SRC5T_LPR 12
45 GNDCPU
SRC5C_LPR 13
44 CPUKG1T_LPR
VDDSRC 14
43 CPUKG1C_LPR
GNDSRC 15
42 VDDA
SRC4T_LPR 16
41 GNDA
SRC4C_LPR 17
40 NC
SRC3T_LPR 18
39 SRC0T_LPR
SRC3C_LPR 19
38 SRC0C_LPR
SRC2T_LPR 20
37 GNDSRC
SRC2C_LPR 21
36 VDDSRC
GNDSRC 22
35 ATIG0T_LPR
VDDSRC 23
34 ATIG0C_LPR
SRC1T_LPR 24
33 VDDATIG
SRC1C_LPR 25
32 GNDATIG
VDDSRC 26
31 ATIG1T_LPR
GNDSRC 27
30 ATIG1C_LPR
*CLKREQB# 28
29 *CLKREQC#
56-Pin SSOP/TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - ICS9LPRS464

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS464 IDT-ICS9LPRS464 Datasheet
252Kb / 23P
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
ICS9LPRS464YGLFT IDT-ICS9LPRS464YGLFT Datasheet
252Kb / 23P
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
More results

Similar Description - ICS9LPRS464

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS600 SPECTRALINEAR-CY28RS600 Datasheet
208Kb / 17P
Clock Generator for ATI RS5XX, 6XX Chipsets
logo
Integrated Device Techn...
ICS951464 IDT-ICS951464 Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
ICS9LPRS462 IDT-ICS9LPRS462 Datasheet
254Kb / 23P
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
ICS9LPRS464 IDT-ICS9LPRS464 Datasheet
252Kb / 23P
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
logo
Renesas Technology Corp
ICS9LPRS462 RENESAS-ICS9LPRS462 Datasheet
392Kb / 24P
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
System Clock Chip for ATI RS480 K8-based Systems
2019
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
System Clock Chip for ATI RS480
2019
ICS951462 RENESAS-ICS951462 Datasheet
436Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 - K8TM based Systems
2019
ICS951464 RENESAS-ICS951464 Datasheet
387Kb / 25P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com