Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS464 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ICS9LPRS464 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
SMBus Table: CPU PLL Spread Spectrum Control Register
Byte 13
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
SSP7
RW
X
Bit 6
-
SSP6
RW
X
Bit 5
-
SSP5
RW
X
Bit 4
-
SSP4
RW
X
Bit 3
-
SSP3
RW
X
Bit 2
-
SSP2
RW
X
Bit 1
-
SSP1
RW
X
Bit 0
-
SSP0
RW
X
SMBus Table: CPU PLL Spread Spectrum Control Register
Byte 14
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
-
SSP14
RW
X
Bit 5
-
SSP13
RW
X
Bit 4
-
SSP12
RW
X
Bit 3
-
SSP11
RW
X
Bit 2
-
SSP10
RW
X
Bit 1
-
SSP9
RW
X
Bit 0
-
SSP8
RW
X
SMBus Table: ATIG PLL VCO Frequency Control Register
Byte 15
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
N Div8
N Divider Prog bit 8
RW
X
Bit 6
-
N Div9
N Divider Prog bit 9
RW
X
Bit 5
-
M Div5
RW
X
Bit 4
-
M Div4
RW
X
Bit 3
-
M Div3
RW
X
Bit 2
-
M Div2
RW
X
Bit 1
-
M Div1
RW
X
Bit 0
-
M Div0
RW
X
SMBus Table: ATIG PLL VCO Frequency Control Register
Byte 16
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
N Div7
RW
X
Bit 6
-
N Div6
RW
X
Bit 5
-
N Div5
RW
X
Bit 4
-
N Div4
RW
X
Bit 3
-
N Div3
RW
X
Bit 2
-
N Div2
RW
X
Bit 1
-
N Div1
RW
X
Bit 0
-
N Div0
RW
X
SMBus Table: ATIG PLL Spread Spectrum Control Register
Byte 17
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
SSP7
RW
X
Bit 6
-
SSP6
RW
X
Bit 5
-
SSP5
RW
X
Bit 4
-
SSP4
RW
X
Bit 3
-
SSP3
RW
X
Bit 2
-
SSP2
RW
X
Bit 1
-
SSP1
RW
X
Bit 0
-
SSP0
RW
X
The decimal representation of
M and N Divier in Byte 17 and
18 will configure the VCO
frequency. Default at power
up = Byte 0 Rom table. VCO
Frequency = 14.318 x
[NDiv(9:0)+8] / [MDiv(5:0)+2]
Spread Spectrum Programming
b(7:0)
These Spread Spectrum bits
in Byte 19 and 20 will program
the spread pecentage. It is
recommended to use ICS
Spread % table for spread
programming.
These Spread Spectrum bits
in Byte 13 and 14 will program
the spread pecentage. It is
recommended to use ICS
Spread % table for spread
programming.
Reserved
M Divider Programming bits
N Divider Programming b(7:0)
Spread Spectrum Programming
b(7:0)
Spread Spectrum Programming
b(14:8)
These Spread Spectrum bits
in Byte 13 and 14 will program
the spread pecentage. It is
recommended to use ICS
Spread % table for spread
programming.
The decimal representation of
M and N Divier in Byte 17 and
18 will configure the VCO
frequency. Default at power
up = Byte 0 Rom table. VCO
Frequency = 14.318 x
[NDiv(9:0)+8] / [MDiv(5:0)+2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com