Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS464 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LPRS464 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
GNDREF
GND
Ground pin for the REF outputs.
2
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
3
X1
IN
Crystal input, nominally 14.318MHz
4
X2
OUT
Crystal output, nominally 14.318MHz
5
VDD48
PWR
Power pin for the 48MHz outputs and core. 3.3V
6
48MHz_0
OUT
48MHz clock output.
7
48MHz_1
OUT
48MHz clock output.
8
GND48
GND
Ground pin for the 48MHz outputs
9
SMBCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
10
SMBDAT
I/O
Data pin for SMBus circuitry, 5V tolerant.
11
RESET_IN#
IN
Real Time falling edge triggered input, When asserted, the part initiates a power
up reset with the SMBus being reset to it's power up values, and all PLL derived
clocks stopped for the duration of Power up Stabilization. REF outputs continue
to run.
12
SRC5T_LPR
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm series
resistor. (no 50ohm shunt resistor to GND needed)
13
SRC5C_LPR
OUT
Complement clock of low power differential SRC clock pair with integrated 33
ohm series resistor. (no 50ohm shunt resistor to GND needed)
14
VDDSRC
PWR
Supply for SRC, 3.3V nominal
15
GNDSRC
GND
Ground pin for the SRC outputs
16
SRC4T_LPR
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm series
resistor. (no 50ohm shunt resistor to GND needed)
17
SRC4C_LPR
OUT
Complement clock of low power differential SRC clock pair with integrated 33
ohm series resistor. (no 50ohm shunt resistor to GND needed)
18
SRC3T_LPR
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm series
resistor. (no 50ohm shunt resistor to GND needed)
19
SRC3C_LPR
OUT
Complement clock of low power differential SRC clock pair with integrated 33
ohm series resistor. (no 50ohm shunt resistor to GND needed)
20
SRC2T_LPR
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm series
resistor. (no 50ohm shunt resistor to GND needed)
21
SRC2C_LPR
OUT
Complement clock of low power differential SRC clock pair with integrated 33
ohm series resistor. (no 50ohm shunt resistor to GND needed)
22
GNDSRC
GND
Ground pin for the SRC outputs
23
VDDSRC
PWR
Supply for SRC, 3.3V nominal
24
SRC1T_LPR
OUT
True clock of low power differential SRC clock pair with integrated 33 ohm series
resistor. (no 50ohm shunt resistor to GND needed)
25
SRC1C_LPR
OUT
Complement clock of low power differential SRC clock pair with integrated 33
ohm series resistor. (no 50ohm shunt resistor to GND needed)
26
VDDSRC
PWR
Supply for SRC, 3.3V nominal
27
GNDSRC
GND
Ground pin for the SRC outputs
28
*CLKREQB#
IN
Programmable Clock Request pin for SRC/ATIG/SB_SRC outputs. If output is
selected for control, then that output is controlled as follows:
0 = Enabled, 1 = Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com