Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS464 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9LPRS464 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS464 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
SMBus Table: Byte Count Register
Byte 8
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
BC7
RW
0
Bit 6
-
BC6
RW
0
Bit 5
-
BC5
RW
0
Bit 4
-
BC4
RW
0
Bit 3
-
BC3
RW
1
Bit 2
-
BC2
RW
0
Bit 1
-
BC1
RW
0
Bit 0
-
BC0
RW
1
SMBus Table: REF2, 48MHz Output Strength Control and ATIG Frequency Select Register
Byte 9
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
54
REF2Str
REF2 Strength Control
RW
1X
2X
1
Bit 6
7
48MHz_1Str
48MHz_1 Strength Control
RW
1X
2X
1
Bit 5
6
48MHz_0Str
48MHz_0 Strength Control
RW
1X
2X
1
Bit 4
0
Bit 3
-
ATIG FS3
ATIG Freq Select Bit 3
RW
0
Bit 2
-
ATIG FS2
ATIG Freq Select Bit 2
RW
0
Bit 1
-
ATIG FS1
ATIG Freq Select Bit 1
RW
0
Bit 0
-
ATIG FS0
ATIG Freq Select Bit 0
RW
0
SMBus Table: PLLs M/N Programming Enable and REF1, REF0 Output Strength Control Register
Byte 10
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
M/N_EN
PLLs M/N Programming Enable
RW
Disable
Enable
0
Bit 6
55
REF1Str
REF1 Strength Control
RW
1X
2X
1
Bit 5
56
REF0Str
REF0 Strength Control
RW
1X
2X
1
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: CPU PLL VCO Frequency Control Register
Byte 11
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
N Div8
N Divider Prog bit 8
RW
X
Bit 6
-
N Div 9
N Divider Prog bit 9
RW
X
Bit 5
-
M Div5
RW
X
Bit 4
-
M Div4
RW
X
Bit 3
-
M Div3
RW
X
Bit 2
-
M Div2
RW
X
Bit 1
-
M Div1
RW
X
Bit 0
-
M Div0
RW
X
SMBus Table: CPU PLL VCO Frequency Control Register
Byte 12
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
N Div7
RW
X
Bit 6
-
N Div6
RW
X
Bit 5
-
N Div5
RW
X
Bit 4
-
N Div4
RW
X
Bit 3
-
N Div3
RW
X
Bit 2
-
N Div2
RW
X
Bit 1
-
N Div1
RW
X
Bit 0
-
N Div0
RW
X
The decimal representation of
M and N Divier in Byte 11 and
12 will configure the VCO
frequency. Default at power
up = latch-in or Byte 0 Rom
table. VCO Frequency =
14.318 x [NDiv(9:0)+8] /
[MDiv(5:0)+2]
M Divider Programming bits
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte Count Programming b(7:0)
Writing to this register will
congiure how many bytes will
be read back, default is 9
bytes.
See Table 3: ATIG
Frequency Selection Table
N Divider Programming b(7:0)
The decimal representation of
M and N Divier in Byte 11 and
12 will configure the VCO
frequency. Default at power
up = latch-in or Byte 0 Rom
table. VCO Frequency =
14.318 x [NDiv(9:0)+8] /
[MDiv(5:0)+2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com