Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 12Page - NXP Semiconductors DSP56721 Datasheet HTML 13Page - NXP Semiconductors DSP56721 Datasheet HTML 14Page - NXP Semiconductors DSP56721 Datasheet HTML 15Page - NXP Semiconductors DSP56721 Datasheet HTML 16Page - NXP Semiconductors DSP56721 Datasheet HTML 17Page - NXP Semiconductors DSP56721 Datasheet HTML 18Page - NXP Semiconductors DSP56721 Datasheet HTML 19Page - NXP Semiconductors DSP56721 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
16
Figure 11 shows the reset timing diagram.
Figure 11. Reset Timing Diagram
22
DMA Requests Rate
• Data read from ESAI, ESAI_1, ESAI_2, ESAI_3, SHI, SHI_1
6
× TC
—
30.0
ns
• Data write to ESAI, ESAI_1, ESAI_2, ESAI_3, SHI, SHI_1
7
× TC
—
35.0
ns
• Timer, Timer_1
2
× TC
—
10.0
ns
•IRQ, NMI (edge trigger)
3
× TC
—
15.0
ns
Notes:
1. When using fast interrupts and when IRQA, IRQB, IRQC, and IRQD are defined as level-sensitive, timings 19 through 21 apply
to prevent multiple interrupt service. To avoid these timing restrictions, the Edge-triggered mode is recommended when using
fast interrupts. Long interrupts are recommended when using Level-sensitive mode.
2. For PLL disable, if using an external clock (PCTL Bit 13 = 1), no stabilization delay is required and recovery time will be defined
by the OMR Bit 6 settings.
For PLL enable, (if bit 12 of the PCTL register is 0), the PLL is shut down during Stop. Recovering from Stop requires the PLL
to get locked. The PLL lock procedure duration, PLL Lock Cycles (PLC), may be in the range of 200
μs.
3. Periodically sampled and not 100% tested.
4. RESET duration is measured during the time in which RESET is asserted, VDD is valid, and the EXTAL input is active and
valid. When VDD is valid, but the other “required RESET duration” conditions (as specified above) have not been yet met, the
device circuitry will be in an uninitialized state that can result in significant power consumption and heat-up. Designs should
minimize this state to the shortest possible duration.
Table 7. Reset, Stop, Mode Select, and Interrupt Timing Parameters
No.
Characteristics
Expression
Min
Max
Unit
VIH
RESET
All Pins
10
11
13
Reset Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com