Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 17Page - NXP Semiconductors DSP56721 Datasheet HTML 18Page - NXP Semiconductors DSP56721 Datasheet HTML 19Page - NXP Semiconductors DSP56721 Datasheet HTML 20Page - NXP Semiconductors DSP56721 Datasheet HTML 21Page - NXP Semiconductors DSP56721 Datasheet HTML 22Page - NXP Semiconductors DSP56721 Datasheet HTML 23Page - NXP Semiconductors DSP56721 Datasheet HTML 24Page - NXP Semiconductors DSP56721 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
21
Figure 15. SPI Master Timing Diagram (CPHA = 0)
41
HREQ in deassertion to last SCK sampling
edge (HREQ in set-up time) (CPHA = 1)
Master
—
—
0
—
ns
42
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
—
—
0
—
ns
43
HREQ assertion width
Master
—
3.0
× TC
15
—
ns
Notes:
1.VCORE_VDD = 1.0± 0.10 V; TJ = –40°C to 100°C; CL = 50 pF.
2. Pejriodically sampled, not 100% tested.
3. All times assume noise free inputs.
4. All times assume internal clock frequency of 200 MHz.
5. SHI_1 specs match those of SHI.
Table 8. Serial Host Interface SPI Protocol Timing Parameters (Continued)
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit
SS
(Input)
SCK (CPOL = 0)
(Output)
SCK (CPOL = 1)
(Output)
MISO
(Input)
MOSI
(Output)
HREQ
(Input)
23
24
25
26
26
23
26
26
25
24
29
30
30
29
33
34
42
40
43
MSB
LSB
LSB
Valid
MSB
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com