Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 32Page - NXP Semiconductors DSP56721 Datasheet HTML 33Page - NXP Semiconductors DSP56721 Datasheet HTML 34Page - NXP Semiconductors DSP56721 Datasheet HTML 35Page - NXP Semiconductors DSP56721 Datasheet HTML 36Page - NXP Semiconductors DSP56721 Datasheet HTML 37Page - NXP Semiconductors DSP56721 Datasheet HTML 38Page - NXP Semiconductors DSP56721 Datasheet HTML 39Page - NXP Semiconductors DSP56721 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
36
320
Write data strobe assertion width
7
HACK write assertion width
—13.2
—
ns
321
Write data strobe deassertion width
7
HACK write deassertion width
• after ICR, CVR and “Last Data Register” writes
4
2
× TC + 6.6
16.6
—
ns
• after IVR writes, or
• after TXH:TXM writes (with HBE=0), or
• after TXL:TXM writes (with HBE=1)
—16.5
—
—
322
HAS assertion width
—
9.9
—
ns
323
HAS deassertion to data strobe assertion
8
—0.0
—
ns
324
Host data input setup time before write data strobe deassertion
7
Host data input setup time before HACK write deassertion
—9.9
—
ns
325
Host data input hold time after write data strobe deassertion
7
Host data input hold time after HACK write deassertion
—3.3
—
ns
326
Read data strobe assertion to output data active from high impedance
3
HACK read assertion to output data active from high impedance
—5.9
—
ns
327
Read data strobe assertion to output data valid
3
HACK read assertion to output data valid
—
—
29.6
ns
328
Read data strobe deassertion to output data high impedance
3
HACK read deassertion to output data high impedance
——
9.9
ns
329
Output data hold time after read data strobe deassertion
3
Output data hold time after HACK read deassertion
—3.3
—
ns
330
HCS assertion to read data strobe deassertion
3
TC + 9.9
14.9
—
ns
331
HCS assertion to write data strobe deassertion
7
—9.9
—
ns
332
HCS assertion to output data valid
—
—
19.1
ns
333
HCS hold time after data strobe deassertion
8
—0.0
—
ns
334
Address (AD7—AD0) setup time before HAS deassertion (HMUX=1)
—
4.7
—
ns
335
Address (AD7—AD0) hold time after HAS deassertion (HMUX=1)
—
3.3
—
ns
336
A10—A8 (HMUX=1), A2—A0 (HMUX=0), HR/W setup time before data
strobe assertion
8
•Read
—0
—
ns
•Write
—4.7
—
337
A10—A8 (HMUX=1), A2—A0 (HMUX=0), HR/W hold time after data
strobe deassertion
8
—3.3
—
ns
338
Delay from read data strobe deassertion to
host request assertion for “Last Data Register” read
3, 4, 9
TC
5.0
—
ns
Table 15. HDI24 Timing Parameters (Continued)
No.
Characteristics
2
Expression
200 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com