Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56721 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # DSP56721
Description  Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56721 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button DSP56721 Datasheet HTML 9Page - NXP Semiconductors DSP56721 Datasheet HTML 10Page - NXP Semiconductors DSP56721 Datasheet HTML 11Page - NXP Semiconductors DSP56721 Datasheet HTML 12Page - NXP Semiconductors DSP56721 Datasheet HTML 13Page - NXP Semiconductors DSP56721 Datasheet HTML 14Page - NXP Semiconductors DSP56721 Datasheet HTML 15Page - NXP Semiconductors DSP56721 Datasheet HTML 16Page - NXP Semiconductors DSP56721 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors, Rev. 5
Freescale Semiconductor
13
2.6
AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum of 0.8 V and a VIH
minimum of 2.0 V for all pins. AC timing specifications, which are referenced to a device input signal, are measured in
production with respect to the 50% point of the respective input signal’s transition. DSP56720/DSP56721 output levels are
measured with the production test machine VOL and VOH reference levels set at 0.4 V and 2.4 V, respectively.
2.7
Internal Clocks
Internal clock characteristics are listed in Table 5.
2.8
External Clock Operation
The DSP56720/DSP56721 system clock is derived from the on-chip oscillator or is externally supplied. To use the on-chip
oscillator, connect a crystal and associated resistor/capacitor components to EXTAL and XTAL; see the example in Figure 9.
Automotive
• In Normal Mode
ICCI
—
242
496
mA
• In Wait Mode
ICCW
—
125
409
mA
• In Stop mode
ICCS
—
107
376
mA
Input capacitance
CIN
——
10
pF
Notes:
1. The Current Consumption section provides a formula to compute the estimated current requirements in Normal mode. In
order to obtain these results, all inputs must be terminated (i.e., not allowed to float). Measurements are based on synthetic
intensive DSP benchmarks. The power consumption numbers in this specification are 90% of the measured results of this
benchmark. This reflects typical DSP applications. Typical internal supply current is measured with VCORE_VDD = 1.0 V,
VDD_IO = 3.3 V at TJ = 25° C. Maximum internal supply current is measured with VCORE_VDD = 1.10 V, VIO_VDD) = 3.4 V at
TJ = 100°C.
2. In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be terminated (i.e., not allowed
to float).
Table 5. Internal Clocks
No.
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
1
Comparison Frequency
Fref
2
—
8
MHz
Fref = Fin/NR
2
Input Clock Frequency
Fin
Max = 200 MHz
—
3
PLL VCO Frequency
Fvco
200
—
400
MHz
Fvco = (Fin
× NF)/NR
4
Output Clock Frequency[1]
• with PLL enabled
• with PLL disabled
Fout
25
—
—
200
200
MHz
Fout= Fvco/NO
Fout = Fin
5
Duty Cycle
—
40
50
60
%
Fvco=
200 MHz–400 MHz
Notes:
Fin = External frequency, NF = Multiplication Factor, NR = Predivision Factor, NO = Output Divider
Table 4. DC Electrical Characteristics (Continued)
Characteristics
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com