Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP4 Datasheet(PDF) 4 Page - Exxelia Group

Part # PLP4
Description  RoHS = W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PLP4 Datasheet(HTML) 4 Page - Exxelia Group

  PLP4 Datasheet HTML 1Page - Exxelia Group PLP4 Datasheet HTML 2Page - Exxelia Group PLP4 Datasheet HTML 3Page - Exxelia Group PLP4 Datasheet HTML 4Page - Exxelia Group PLP4 Datasheet HTML 5Page - Exxelia Group PLP4 Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.exxelia.com - info@exxelia.com
Tel : + 33 (0)1 49 23 10 00
4
Page revised -
Version 04/15
GENERAL INFORMATION
GÉNÉRALITÉS
GENERAL INFORMATION
GÉNÉRALITÉS
EXXELIA TECHNOLOGIES has more than 50 years experience in developing and manufac-
turing a wide range of capacitors for professional and industrial applications.
The capacitors included in this catalogue are manufactured in two plants owned by the
company in
France.
Our position as a market leader in many fields, is based on a comprehensive knowledge
of the materials used and of the performance they can attain. The different technologies
developed enable us to meet the users’ needs. The capacitors manufactured by comply
with the French and European standards and correspond to the requirements of many
international standards.
This catalogue includes the following capacitors :
• Plastic Films
- Polycarbonate
- P.P.S.
- Polyester (P.E.T., P.E.N.)
- Polypropylene
- Polystyrene
- Teflon®
• Mica
All descriptions, drawings and other data, including dimensions, materials and perfor-
mance are supplied in this catalogue with the strictest possible accuracy. Nevertheless,
the data provided is to be considered as general information and can under no circums-
tances involve
EXXELIA TECHNOLOGIES’s liability unless a written agreement has been
concluded.
All mechanical and electrical characteristics may vary within reasonable limits depen-
ding on the performance of the materials used and on rated manufacturing tolerances.
METALLIZED FILM CAPACITORS AND FILM-FOIL CAPACITORS
EXXELIA TECHNOLOGIES film capacitors are obtained by winding two or more layers of
dielectric film and electrodes.
The electrodes are applied by evaporation under vacuum on the dielectric (metallized
film capacitors) or consist of separate metal foils ( film-foil capacitors).
Generally, the turns of each of the metal foils are interconnected by a deposit of several
metal alloy layers. The leads are connected by soldering or brazing.
The casing (wrapped, molded, tube or metal case) ensures adequate resistance to clima-
tic, thermal and mechanical stress.
PROPERTIES OF DIELECTRIC FILMS
Polycarbonate
Thanks to low temperature coefficient, this dielectric is well adapted for manufacturing
precision capacitors requiring high stability of the capacitance value in a wide tempera-
ture range. The dielectric losses are low and destinate the P.C. capacitors for A.C. voltage
filtering, more specifically in the aeronautic applications for 400 Hz EMI/RFI filtering.
Note : Despite the obsolescence of this dielectric, EXXELIA TECHNOLOGIES continue to
propose P.C. capacitors thanks to its important stock of raw material
Polyphenylene sulphide (P.P.S. )
This dielectric propose very low dielectric losses, high capacitante stability, low humidity
sensitivity and wide temperature range. Ils high melting point allows manufacturing of
precision capacitors or power capacitors for high temperature applications. SMD version
capacitors are proposed according CECC 00802 standard soldering processer (vapour
phase, convection, ...). P.P.S. is graduelly replacing the polycarbonate dielectric film.
Polyester (Polyethylene terephtalate, P.E.T. )
Capacitors with smaller dimensions can be manufactured due to the
high dielectric constant and excellent electrical performance of this film.
Metallized polyester capacitors have also outstanding self-healing properties.
Polyester (Polyethylene naphtalate, P.E.N.)
The electric properties are comparable with those of P.E.T. polyesters. The higher melting
point of this film makes it suitable for use in surface-mounted capacitors. These capa-
citors accept the different SMD mounting modes specified by the CEC 00802 standard
(vapour phase, convection...).
New dielectric
EXXELIA TECHNOLOGIES proposes a new capacitor technology based on a metallized
plastic film with excellente self-healing properties. PHM 912 series are first capacitors in
this technology offering high level of miniaturization in wide temperature range.
Polypropylene (P.P.)
This film features very low dielectric losses, low dielectric absorption, high dielectric
strength, very high insulating strength and a practically linear temperature coefficient
in all temperature ranges.
All these properties make this film suitable for the manufacturing of power electronics
EXXELIA TECHNOLOGIES bénéficie d’une expérience de plus de 50 ans dans le dévelop-
pement et la fabrication d’une gamme étendue de condensateurs à usage professionnel
et industriel.
Les condensateurs présentés dans ce catalogue sont fabriqués en
France.
La position de “leader” d’
EXXELIA TECHNOLOGIES dans de nombreux domaines
d’applications est basée sur une grande connaissance des matériaux utilisés et des
performances qu’ils peuvent atteindre. Les différentes technologies développées
permettent de répondre aux besoins des utilisateurs. Les condensateurs fabriqués par
EXXELIA TECHNOLOGIES sont conformes aux normes françaises ou européennes et
répondent également aux exigences de nombreuses normes internationales.
Ce catalogue présente les condensateurs à :
• Films plastique
- Polycarbonate
- P.P.S.
- Polyester (P.E.T., P.E.N.)
- Polypropylène
- Polystyrène
- Téflon®
• Au mica
Toutes les descriptions, dessins et autres informations, incluant les dimensions, les
matériaux et les performances, sont donnés dans ce catalogue avec la plus grande pré-
cision possible, mais sont à considérer comme des informations d’ordre général et ne
peuvent en aucun cas engager la responsabilité d’
EXXELIA TECHNOLOGIES, sauf dans le
cas d’un accord écrit.
Toutes les caractéristiques mécaniques et électriques peuvent raisonnablement fluc-
tuer en fonction des performances des matières premières utilisées et des tolérances
normales de production.
CONDENSATEURS FILMS MÉTALLISÉS ET À ARMATURES
Les condensateurs films
EXXELIA TECHNOLOGIES sont obtenus par bobinage de deux ou
plusieurs films diélectriques et d’électrodes.
Les électrodes peuvent être déposées par évaporation sous vide sur le diélectrique
(condensateurs films métallisés) ou être constituées de feuilles métalliques indépen-
dantes (condensateurs films à armatures).
Généralement, les spires de chaque électrodes sont reliées entre elles par un dépôt de
plusieurs couches d’alliages métalliques. Le raccordement des connexions de sorties
est effectué par soudage ou par brasage.
L’encapsulation (enrobage, moulage, tube ou boîtier métallique) assure la tenue aux
contraintes climatiques, thermiques et mécaniques.
PROPRIETES DES FILMS DIÉLECTRIQUES
Polycarbonate (P.C.)
Grâce au faible cœfficient de température, ce diélectrique est adapté pour la réalisation
de condensateurs de précision demandant une grande stabilité de la capacité dans une
large gamme de température. Les pertes diélectriques sont faibles et permettent l’utili-
sation de condensateurs en P.C. pour le filtrage en tension A.C. et plus particulièrement
sur le réseau de bord aéronautique en 400 Hz.
Note : Malgré l’obsolescence de ce diélectrique, EXXELIA TECHNOLOGIES continue de pro-
poser des condensateurs en P.C. grâce à ses importantes réserves de matière première.
Polyphénylène sulfide (P.P.S. )
Son point de fusion élevé permet de fabriquer des condensateurs de précision ou de fil-
trage pour applications en haute température. Ces condensateurs acceptent différents
modes de report des CMS définis par la norme CECC 00802 (phase vapeur, convection...).
Ce film remplace progressivement le polycarbonate
Polyester (Polytéréphtalate d’éthylène, P.E.T.)
La constante diélectrique élevée et les bonnes performances électriques de ce film per-
mettent d’obtenir des condensateurs de faibles dimensions. D’autre part, les condensa-
teurs à diélectrique P.E.T. métallisé ont d’excellentes propriétés d’autocicatrisation.
Polyester (Polynaphtalate d’éthylène, P.E.N.)
Les propriétés électriques sont proches de celles des polyester P.E.T. Le point de fusion
plus élevé de ce film permet son utilisation dans les condensateurs destinés au montage
en surface. Ceux-ci acceptent différents modes de report des CMS définis par la norme
CECC 00802 (phase vapeur, convection…).
Nouveau diélectrique
EXXELIA TECHNOLOGIES propose une nouvelle technologie de condensateurs à la base
d’un film plastique métallisé haute température offrant d’excellentes propriétés d’auto-
cicatrisation. La gamme PHM 912 est la prmière proposée dans cette technologie et se
distingue par son niveau de miniaturisation dans une large gamme de température.
Polypropylène ( P.P.)
Ce film est caractérisé par des pertes diélectriques très faibles, une faible absorption
diélectrique, une rigidité diélectrique élevée, une très forte résistance d’isolement et un
coefficient de température pratiquement linéaire dans toute la gamme de températures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com