Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP4 Datasheet(PDF) 6 Page - Exxelia Group

Part # PLP4
Description  RoHS = W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PLP4 Datasheet(HTML) 6 Page - Exxelia Group

  PLP4 Datasheet HTML 1Page - Exxelia Group PLP4 Datasheet HTML 2Page - Exxelia Group PLP4 Datasheet HTML 3Page - Exxelia Group PLP4 Datasheet HTML 4Page - Exxelia Group PLP4 Datasheet HTML 5Page - Exxelia Group PLP4 Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GENERAL INFORMATION
GÉNÉRALITÉS
GENERAL INFORMATION
GÉNÉRALITÉS
www.exxelia.com - info@exxelia.com
Tel : + 33 (0)1 49 23 10 00
6
Page revised -
Version 04/15
CAPACITOR PERFORMANCE VERSUS TEMPERATURE
The capacitors’ performance versus temperature essentially depends upon the dielectric
type. Figure 1 shows ranges of operating temperatures.
Important differences affect the laws governing the changes of the main electrical
characteristics. They are highlighted by the following curves :
COMPORTEMENTDESCONDENSATEURSENFONCTIONDELATEMPERATURE
Le comportement des condensateurs en fonction de la température dépend
essentiellement de la nature du diélectrique. Les gammes de températures d’utilisation
sont données par la figure 1.
Des différences importantes affectent les lois de variations des principaux paramètres
électriques et sont mises en évidence sur les courbes suivantes :
Tg 1 kHz (10-4)
-55 -40 -25
0
40
70 85 100
200
155
125
20
°C
50
100
0
Tg = f (O)
102
103
104
105
106
MΩµF(s)
°C
-55 -40 -25
0
40
55 70 85 100
200
155
125
20
-55 -40 -25
0
40 55 70 85 100
200
155
125
20
°C
C/C (%) @ 1 kHz
-2
-4
0
+6
+4
+2
C/C = f(O)
-55 -40 -25
0
40
70 85 100
200
125
155
20
°C
Reconstituted Mica /Mica reconstitué
Mica /Mica
Polystyrene /Polystyrène
PEN /PEN
Polypropylene /Polypropylène
Polycarbonat /Polycarbonate
P.P.S. /P.P.S.
Polyester /Polyester
Teflon®/Téflon
Fig. 1 : Ranges of operating temperatures
Gammes de températures d’utilisation
Fig. 3 : Loss angle change versus temperature
Variation de la tangente de l’angle de pertes en fonction de la température
Fig. 2 : Capacitance drift versus temperature
Variation de la capacité en fonction de la température
Fig. 4 : Insulation resistance change versus temperature
Variation de la résistance d’isolement en fonction de la température
Ri
C
Rd
Rs
Ls
Cd
CAPACITOR PERFORMANCE VS. FREQUENCY
A real capacitor may be represented by the diagram below:
Ls Series inductance
Rs Resistance of metal foil and connections
Ri Insulation resistance
Cd Dielectric absorption
Rd Resistance equivalent to the dielectric losses
C Capacitance
The resistive terms generate temperature rises when the
capacitors carry A.C. current (IRA). Depending on the frequency
range, they may be more or less preponderant. The equivalent
ESR series resistance is the sum of these terms :
When frequency increases, the term 1/Ri C2 2 becomes rapidly
negligible.
The metal foil and the connections are designed to obtain
a resistance value (Rs) as low as possible. This value is
dependent on the capacitors technology and geometry.
Inductance Ls also disturbs the operation of the capacitors at
high frequencies. Impedance Z is stated as follows :
When frequency increases, the effect of Ls will gradually
nullify the capacitance component of the capacitors until it
reaches the resonance frequency where Z = Rs and LC 2 = 1
COMPORTEMENT DES CONDENSATEURS EN FONCTION DE LA FRÉQUENCE
Un condensateur réel peut être représenté par le schéma ci-dessous :
Ls Inductance série
Rs Résistance des armatures et des liaisons
Ri Résistance d’isolement
Cd Absorption du diélectrique
Rd Résistance équivalente aux pertes du diélectrique
C Capacité
Les termes résistifs sont à l’origine des échauffements lorsque
les condensateurs sont parcourus par un courant efficace
(IRA). Selon la gamme de fréquences F, ils peuvent être plus ou
moins prépondérants. La résistance série équivalente ESR est la
somme de tous ces termes :
Lorsque la fréquence augmente, le terme 1/Ri C2 2 devient
rapidement négligeable.
Les armatures et les liaisons doivent être conçues pour obtenir une
résistance (Rs) aussi faible que possible. De plus, celle-ci dépend
de la technologie et de la géométrie du condensateur. L’inductance
Ls perturbe également le fonctionnement des condensateurs à des
fréquences élevées. L’impédance Z s’écrit : Lorsque la fréquence
augmente, l’influence de Ls se traduira par une annulation
progressive de la composante capacitive des condensateurs
jusqu’à la fréquence de résonance où Z = Rs et LC 2 = 1
ESR = Rs + Tg
δ /C + 1/Ri C2 2
ou Tg
δ = Rd C
et = 2 π f
ESR = Rs + Tg
δ /C
Z =V Rs2 + (Ls. – 1/ C. )2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com