Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP4 Datasheet (PDF) - Exxelia Group

Part # PLP4
Description  RoHS = W
File Size   297.68 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PLP4 Datasheet (PDF) - Exxelia Group



Similar Part No. - PLP4

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
PLP400 MACROMATIC-PLP400 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
PLP480 MACROMATIC-PLP480 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - PLP4

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17266 DIALIGHT-C-17266 Datasheet
169Kb / 1P
SMT LED, 1206 PKG. W/ LENS RoHS COMPLIANT
C-17664 DIALIGHT-C-17664 Datasheet
61Kb / 1P
.064 STRAIGHT LIGHT PIPE W/PRESS-FIT; RoHS COMPLIANT
logo
Artesyn Technologies
NFS80-7602 ARTESYN-NFS80-7602_13 Datasheet
250Kb / 4P
80 W with free air convection, Adjustable outputs, Available RoHS compliant
logo
Lite-On Technology Corp...
LTST-C19GD2WT LITEON-LTST-C19GD2WT_14 Datasheet
606Kb / 11P
ROHS
logo
Switchcraft, Inc.
761K SWITCH-761K Datasheet
225Kb / 1P
0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS
S760K SWITCH-S760K Datasheet
222Kb / 1P
0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS
logo
Exxelia Group
PLP34 EXXELIA-PLP34 Datasheet
317Kb / 6P
RoHS = W
04/15
PLP5 EXXELIA-PLP5 Datasheet
295Kb / 7P
RoHS = W
Version 04/15
PLP8 EXXELIA-PLP8 Datasheet
302Kb / 6P
RoHS = W
Version 04/16
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
Meet RoHS/Meet RoHS, Green Product
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com