Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT521
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT521 Datasheet HTML 2Page - Catalyst Semiconductor CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor CAT521 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
4
ALO
GENFR
TM
LEAD FREE
Featured Products
w h i t e l e d d r i v e r s
CAT3606
6-Channel Fractional Charge Pump LED Driver
Features
■
independent dimming and standby control
for Main and Sub displays
■
automatically switches from 1x LDO mode to
1.5x boost mode
■
inductor-less design minimizes EMI
interference
■
drives up to 6 Parallel LEDs at 30mA per
channel
■
very low input ripple and noise
■
“zero”shutdown current extends battery life
■
power efficiency up to 90%
■
short circuit detect/disable on all channels
■
optimized for use with Lithium-Ion battery systems
Package Information
■
16-pad TQFN (4x4mm,height 0.8mm max)
+
-
1.2V
Reference
1MHz
Oscillator
VIN
CIN
3≤VIN≤4.2V
Battery
EN
RSET
RSET
ENM
ENS
LED Output
Selection
Current
Setting
Mode Control
1x mode (LDO)
1.5x Charge Pump
CAT3606
LED1
LED2
LED3
LED4
LED5
LED6
6 Current
Sink Regulators
COUT
20mA
VOUT
C1-
C2-
C1+
C2+
Sub
Main
GND
CAT3604
4-Channel Fractional Charge Pump LED Driver
Features
■
automatically switches from 1x LDO mode to
1.5x boost mode
■
inductor-less design minimizes EMI interference
■
drives up to 4 Parallel LEDs at 30mA per channel
■
very low input ripple and noise
■
“zero”shutdown current extends battery life
■
power efficiency up to 93%
■
optimized for use with Lithium-Ion battery
systems
Package Information
■
16 pad TQFN (4x4mm,height 0.8mm max)
CAT3604
+
-
C1+
C2+
C1-
C2-
VIN
EN
CTR0
CTR1
CTR2
RSET
VOUT
LED1
LED2
LED3
LED4
COUT
20mA
RSET
VIN
3V to 4.2V
Battery
EN
Control 0
Control 1
Control 2
CIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com