Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT521
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor CAT521 Datasheet HTML 10Page - Catalyst Semiconductor CAT521 Datasheet HTML 11Page - Catalyst Semiconductor CAT521 Datasheet HTML 12Page - Catalyst Semiconductor CAT521 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
Features
■
regulated output voltage
(5V fixed CAT3200-5,adjustable CAT3200)
■
100 mA output current
■
fixed high operating frequency at 2 MHz
■
input voltage operation down to 2.7 V
■
low quiescent current (1.7 mA typ)
■
low value external capacitors (1 µF)
■
low output ripple voltage, typical 30mV @ COUT = 1 µF
■
shutdown current less than 1 µA
■
foldback current overload protection
■
soft start,slew rate control
■
thermal overload shutdown protection
Package Information
■
CAT3200 in MSOP-8
■
CAT3200-5 in low profile (1mm thin) 6-lead TSOT23
■
pin compatible with LTC3200 and LTC3200-5
CAT661
100mA CMOS Charge Pump Inverter/Doubler
CAT3200/CAT3200-5
Low Noise Regulated Charge Pump DC-DC Converter
d c - d c c o n v e r t e r s
CAT3200-5
CNEG
CPOS
IN
OUT
ON OFF
SHDN
GND
+
-
5V Output
3.3V
CAT3200
CNEG
CPOS
IN
OUT
ON OFF
SHDN
GND
+
-
3.3V
VIN
5V
100mA
VOUT
VOUT = 5V
IOUT ≤ 50mA, for VIN ≥ 2.8V
IOUT ≤ 90mA, for VIN ≥ 3V
Adjustable Output
VIN
FB
R2
R1
100mA
VOUT
VOUT = 1.27 1+
( R2
R1
Features
■
converts V+ to V- or V+ to 2V+
■
high power efficiency
■
industrial temperature range
■
low output resistance,4
Ω typical
■
low quiescent current
■
pin-compatible,high-current alternative to 7660/1044
■
selectable charge pump frequency
- 25kHz or 135kHz
- enables optimum external capacitors
Package Information
■
8-pin SOIC,DIP and 0.8mm thin 8-pad TDFN
■
pin compatible with MAX660,LTC660 and LM2660
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
+VIN
1.5V to 5.5V
Inverted
Negative
Voltage
Output
+
VOLTAGE INVERTER
C1
8
7
6
5
1
2
3
4
Doubled
Positive
Voltage
Output
+
VIN = 2.5V to 5.5V
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
POSITIVE VOLTAGE DOUBLER
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com