Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 23 Page - Catalyst Semiconductor

Part # CAT521
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 23 Page - Catalyst Semiconductor

Back Button CAT521 Datasheet HTML 19Page - Catalyst Semiconductor CAT521 Datasheet HTML 20Page - Catalyst Semiconductor CAT521 Datasheet HTML 21Page - Catalyst Semiconductor CAT521 Datasheet HTML 22Page - Catalyst Semiconductor CAT521 Datasheet HTML 23Page - Catalyst Semiconductor CAT521 Datasheet HTML 24Page - Catalyst Semiconductor CAT521 Datasheet HTML 25Page - Catalyst Semiconductor CAT521 Datasheet HTML 26Page - Catalyst Semiconductor CAT521 Datasheet HTML 27Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
21
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
Microwire™ Bus Serial EEPROM Family
Part
Number
Temp
Range
Density
(org)
ICC
(Active/
Standby)
Min Voltage/ Max Clock
Frequency
Voltage
Range
Package (Pin Count)1
SOIC
TDFN
CAT93C46
C,I,A,E
1Kb (64x16/128x8)
3mA/10µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V
8
8
8
8
8
8
CAT93HC46
I,A,E
1Kb (64x16/128x8)
3mA/10µA
1.8V/1MHz,2.5V/3MHz
1.8 - 5.5V
8
8
8
8
8
8
CAT93C56
C,I,A,E
2Kb (128x16/256x8)
3mA/11µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V
8
8
8
8
8
8
CAT93C57
C,I,A,E
2Kb (128x16/256x8)
3mA/11µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V
8
8
8
8
8
8
CAT93C66
C,I,A,E
4Kb (256x16/512x8)
3mA/10µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V
8
8
8
8
8
8
CAT93C76
I,A,E
8Kb (512x16/256x8)
3mA/10µA
1.8V/1MHz,2.5V/3MHz
1.8 - 5.5V
8
8
8
8
8
8
CAT93C86
C,I,A,E
16Kb (1Kx16/2Kx8)
3mA/10µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V
8
8
8
8
8
SPI Bus Serial EEPROM Family With Block Write Protection
Part
Number
Temp
Range
Density
(org)
ICC
(Active/
Standby)
Min Voltage/ Max Clock Frequency
Voltage Range
Package (Pin Count)1
SOIC
TSSOP
CAT25C01
C,I,A,E
1K (128x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
8
CAT25010
C,I,A,E
1K (128x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
8
CAT25C02
C,I,A,E
2K (256x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
8
CAT25020
C,I,A,E
2K (256x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
8
CAT25C04
C,I,A,E
4K (512x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
CAT25040
C,I,A,E
4K (512x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
CAT25C08
C,I,A,E
8K (1Kx8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
14
CAT25C16
C,I,A,E
16K (2Kx8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
14
CAT25C32
C,I,A,E
32K (4Kx8)
10mA/1µA
1.8V/1MHz,2.5V/3MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
14 20
CAT25C64
C,I,A,E
64Kb (8Kx8)
10mA/1µA
1.8V/1MHz,2.5V/3MHz,4.5V/10MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
14 20
CAT25C128
C,I,A,E
128Kb
(16Kx8)
5mA/1µA
1.8V/0.5MHz,2.5V/3MHz,4.5V/5MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
8
14 20
CAT25C256
C,I,A,E
256Kb
(32Kx8)
5mA/1µA
1.8V/1MHz,2.5V/2MHz,4.5V/5MHz
1.8 - 6.0V,2.5 - 6.0V
8
8
s e r i a l e e p r o m s
Note:
1. Available in standard and“green”packages.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com