Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT521 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT521
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT521 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT521 Datasheet HTML 3Page - Catalyst Semiconductor CAT521 Datasheet HTML 4Page - Catalyst Semiconductor CAT521 Datasheet HTML 5Page - Catalyst Semiconductor CAT521 Datasheet HTML 6Page - Catalyst Semiconductor CAT521 Datasheet HTML 7Page - Catalyst Semiconductor CAT521 Datasheet HTML 8Page - Catalyst Semiconductor CAT521 Datasheet HTML 9Page - Catalyst Semiconductor CAT521 Datasheet HTML 10Page - Catalyst Semiconductor CAT521 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
CAT4237
High Voltage CMOS Boost White LED Driver
CAT310
Automotive 10-Channel Serial Latched LED Driver
w h i t e l e d d r i v e r s
Features
■
drives 8 white LEDs in series from 3V
■
low quiescent ground current 0.3mA
■
power efficiency over 84%
■
adjustable output current (up to 40mA)
■
high-frequency 1MHz operation
■
high voltage power switch
■
shutdown current less than 1 µA
■
load fault protection against open-circuits
■
tight line/load regulation
Package Information
■
thin SOT23 5-lead (1mm max height)
Featured Products
CAT4237
VIN
SHDN
FB
VFB = 300mV
D1
20mA
C1
SW
GND
3V to 4.2V
VIN
White
LEDs
VOUT
L
Features
■
output drivers withstand load-dump transients up to 40V
■
operates over automotive temperature range:-40 to +125°C
■
drives 10 LEDs in parallel at 50mA per channel
■
output channels can drive a combination of white or color LEDs
■
serial output allows cascading of multiple CAT310’s to drive
greater than 10 LEDs
■
operating voltage up to 17V
■
simple LED pattern programming through the 10 MHz serial
interface
■
blank pin provides global on/off control of all LEDs
■
under Voltage Lockout
■
over Voltage Protection
Package Information
■
20-lead SOIC
CAT310
+
-
VBATT
VCC
SCLK
XLAT
BLANK
SIN
OUT0
OUT1
OUT2
OUT9
SOUT
VCC
5V
GND
PGND
VBATTERY = 14V (typical)
VBATT
+
-
RS
RS
RS
RS
Controller
30mA
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com