Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6136 Datasheet HTML 3Page - Sipex Corporation SP6136 Datasheet HTML 4Page - Sipex Corporation SP6136 Datasheet HTML 5Page - Sipex Corporation SP6136 Datasheet HTML 6Page - Sipex Corporation SP6136 Datasheet HTML 7Page - Sipex Corporation SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation SP6136 Datasheet HTML 10Page - Sipex Corporation SP6136 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
THEORY OF OPERATION
MHz) and enough gain (60 dB) to run Type III
compensation schemes with adequate gain
andphasemarginsatcrossoverfrequencies
greater than 200 kHz.
The common mode output of the error ampli-
fier (COMP) is 0.9V to 2.2V. Therefore, the
PWM voltage ramp has been set between
.0V and 2.0V to ensure proper 0% to 00%
duty cycle capability. The voltage loop also
includes two other very important features.
One is a non-synchronous start up mode.
Basically, the GL driver cannot turn on unless
the GH driver has attempted to turn on or
the SS pin has exceeded .7V. This feature
prevents the controller from “dragging down”
the output voltage during startup or in fault
modes. The second feature is a 00% duty
cycle timeout that ensures synchronized
refreshing of the BST capacitor at very high
duty ratios. In the event that the GH driver is
on for 20 continuous clock cycles, a reset is
given to the PWM flip flop half way through
the 20th cycle. This forces GL to rise for the
remainder of the cycle, in turn refreshing the
BST capacitor.
Gate Drivers
The SP636 contains a pair of powerful 2
W
Pull-up and .5
W Pull-down drivers. These
state-of-the-art drivers are designed to drive
an external NFET capable of handling up to
30A. Rise, fall, and non-overlap times have
all been minimized to achieve maximum
efficiency. All drive pins GH, GL, & SWN
are monitored continuously to ensure that
only one external NFET is ever on at any
given time.
Thermal & Short-Circuit Protection
Because the SP636 is designed to drive
large NFETs running at high current, there is
a chance that either the controller or power
converter will become too hot. Therefore, an
internal thermal shutdown (145°C) has been
included to prevent the IC from malfunction-
ing at extreme temperatures.
Over-Current Protection
Over-current is detected by monitoring a
differential voltage across the output in-
ductor as shown in figure 1. Inputs to an
over-current detection comparator, set to
trigger at 60 mV nominal, are connected to
the inductor as shown.
Since the average voltage sensed by the
comparator is equal to the product of in-
ductor current and inductor DC resistance
(DCR) then Imax = 60mV / DCR. Solving
this equation for the specific inductor in cir-
cuit , Imax = 4.6A. When Imax is reached,
a 220 ms time-out is initiated, during which
top and bottom drivers are turned off. Fol-
lowing the time-out, a restart is attempted.
If the fault condition persists, then the time-
out is repeated (referred to as hiccup).
Figure 1: Over-current detection circuit
ISN
SP613X
SWN
ISP
Vout
L = 2.7uH, DCR = 4.mOhm
RS
5.
11K
RS2
5.
K
CS
0.uF
CSP
6.8nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com