Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6136 Datasheet HTML 1Page - Sipex Corporation SP6136 Datasheet HTML 2Page - Sipex Corporation SP6136 Datasheet HTML 3Page - Sipex Corporation SP6136 Datasheet HTML 4Page - Sipex Corporation SP6136 Datasheet HTML 5Page - Sipex Corporation SP6136 Datasheet HTML 6Page - Sipex Corporation SP6136 Datasheet HTML 7Page - Sipex Corporation SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
QUIESCENT CURRENT
VIN Supply Current
.5
3.0
mA
VFB = V (no switching)
VCC Supply Current
.5
3.0
mA
VFB = V (no switching)
BST Supply Current
0.2
0.4
mA
VFB = V (no switching)
PROTECTION: UVLO
VCC UVLO Start
Threshold
4.00
4.25
4.5
V
VCC UVLO Hysteresis
50
200
250
mV
UVIN Start Threshold
2.35
2.50
2.65
V
Apply voltage to UVIN pin
UVIN Hysteresis
200
300
400
mV
Apply voltage to UVIN pin
VIN Start Threshold
9.0
9.5
0.0
V
UVIN Floating
VIN Hysteresis
300
mV
UVIN Floating
Enable Pullup Current
0.4
µA
Apply voltage to EN pin
ERROR AMPLIFIER REFERENCE
Error Amplifier Reference 0.792 0.800
0.808
V
2X Gain Config.
Error Amplifier Reference
Over Line and Tempera-
ture
0.788
0.800
0.82
V
COMP Sink Current
70
50
230
µA
COMP Source Current
-230
-50
-70
µA
VFB Input Bias Current

50
00
nA
COMP Common Mode
Output Range
.9
3.0
3.2
V
COMP Pin Clamp
Voltage
3.2
3.5
3.8
V
VFB = 0.7V
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < 85°C, 4.5V < VCC < 5.5V, BST=VCC, SWN = GND = PGND = 0.0V, UVIN = 3.0V, CVCC
= 0µF, CCOMP = 0.µF, CGH = CGL = 3.3nF, CSS = 50nF, RPWRGD
= 10KΩ.
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.
VCC .................................................................................................. 6V
VIN .............................................................................................. 24.5V
BST................................................................................................ 30V
BST-SWN ........................................................................................ 7V
SWN ....................................................................................-2V to 24V
GH ..........................................................................-0.3V to BST+0.3V
GH-SWN.......................................................................................... 6V
All other pins............................................................-0.3V to VCC+0.3V
Peak Output Current < 10µs
GH,GL ............................................................................................. 2A
Storage Temperature...................................................
-65°C to 150°C
Power Dissipation........................................................................... W
ESD Rating........................................................................... 2kV HBM
Thermal Resistance..............................................................
41.9°C/W
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com