Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6136 Datasheet HTML 1Page - Sipex Corporation SP6136 Datasheet HTML 2Page - Sipex Corporation SP6136 Datasheet HTML 3Page - Sipex Corporation SP6136 Datasheet HTML 4Page - Sipex Corporation SP6136 Datasheet HTML 5Page - Sipex Corporation SP6136 Datasheet HTML 6Page - Sipex Corporation SP6136 Datasheet HTML 7Page - Sipex Corporation SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image

Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
FEATURES
■ 5V to 24V Input step down converter
■ Up to 7A output in a small form factor
■ Highly integrated design, minimal components
■ UVLO Detects Both VCC and VIN
■ Overcurrent circuit protection with auto-restart
■ Power Good Output, ENABLE Input
■ Maximum Controllable Duty Cycle Ratio up to 92%
■ Wide BW amp allows Type II or III compensation
■ Programmable Soft Start
■ Fast Transient Response
■ Available in Lead Free, RoHS Compliant
6-Pin QFN package
■ External Driver Enable/Disable
■ U.S. Patent #6,922,04
The SP636 is a synchronous step-down switching regulator controller optimized for high
efficiency. The part is designed to be especially attractive for single supply step down con-
version from 5V to 24V. The SP636 is designed to drive a pair of external NFETs using
a fixed 600 KHz frequency, PWM voltage mode architecture. Protection features include
UVLO, thermal shutdown, output short circuit protection, and overcurrent protection with
auto restart. The device also features a PWRGD output and an enable input. The SP636
is available in a space saving 6-pin QFN and offers excellent thermal performance.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
ISN
SP6136
16 Pin QFN
3mm x 3mm
8
7
6
5
4
3
2
1
GH
GL
PGND
V
FB
12
11
10
9
16
15
14
13
GND
ISP
SWN
RS3
10KΩ
CBST
0.1uF
R1
68.1kΩ, 1%
RZ3
1kΩ
R2
21.5kΩ, 1%
MT, Si4354DY
18.5 mΩ, 30V
CZ3
270pF
CP1
12 pF
RZ2
30.9kΩ
CZ2
560pF
MB, Si4886DY
13.5 mΩ, 30V
CF1
22pF
12V
CIN
22uF
CSP
6.8nF
VIN
GND
VOUT
GND
SS
VCC
POWERGOOD
CSS
47nF
ISP
ISN
EN
PGND
GND
PWRGD
VFB
COMP
VIN
BST
GH
SWN
UVIN
GL
3.3V
0-7A
DBST
SD101AWS
CVCC
4.7uF
C3
0.1uF
R5
10kΩ
SP6136
NC
CS
0.1uF
RS2
5.11KΩ
RS1
5.11KΩ
Inter-Technical SC7232-2R2
2.2uH, 13A, 10.4mΩ
COUT
100uF
ENABLE
Note: Die attach paddle is internally connected to GND.
SP6136
Synchronous Buck Controller


Similar Part No. - SP6136

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
416Kb / 9P
Evaluation Board Manual
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136EB SIPEX-SP6136EB Datasheet
416Kb / 9P
Evaluation Board Manual
SP6136ER1 SIPEX-SP6136ER1 Datasheet
416Kb / 9P
Evaluation Board Manual
logo
Exar Corporation
SP6136ER1 EXAR-SP6136ER1 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results

Similar Description - SP6136

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
ON Semiconductor
NCP81148 ONSEMI-NCP81148 Datasheet
189Kb / 11P
Synchronous Buck Controller
January, 2014 ??Rev. P0
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com