Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6136 Datasheet HTML 10Page - Sipex Corporation SP6136 Datasheet HTML 11Page - Sipex Corporation SP6136 Datasheet HTML 12Page - Sipex Corporation SP6136 Datasheet HTML 13Page - Sipex Corporation SP6136 Datasheet HTML 14Page - Sipex Corporation SP6136 Datasheet HTML 15Page - Sipex Corporation SP6136 Datasheet HTML 16Page - Sipex Corporation SP6136 Datasheet HTML 17Page - Sipex Corporation SP6136 Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
4
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
APPLICATION INFORMATION
Frequency
(Hz)
Error Amplifier Gain
Bandwidth Product
Condition:
C22 >> CP1, R1 >> RZ3
20 Log (RZ2/R1)
Gain
(dB)
Figure 6: Bode Plot of Type III Error Amplifier Compensation
Table 1. Input and Output Stage Components Selection Charts
Note: Loop Compensation component calculations discussed in this Datasheet can
be quickly iterated with the Type III Loop Compensation Calculator on the web at:
www.sipex.com/files/Application-Notes/TypeIIICalculator.xls
Series R
Isat
Manufacturer
m
(A)
LxW(mm)
Ht.(mm)
Website
2.2
Inter-
Technical
SC7232-2R2M
10.4
13.00
7.2x6.6
3.20
Shielded Ferrite Core www.inter-technical.com
ESR
Ripple Current
Voltage
Capacitor
Manufacturer
 (max) (A) @ 45°C LxW(mm) Ht.(mm)
(V)
Type
Website
22
TDK
C3225X5R1C226M
0.005
4.00
3X2
2.00
16.0
X5R Ceramic
www.TDK.com
100
TDK
C3225X5R0J107M
0.005
4.00
3X2
2.00
6.3
X5R Ceramic
www.TDK.com
RDS(on)
ID Current
Voltage
Foot Print
Manufacturer
 (max)
(A)
nC (Typ)
nC (Max)
(V)
Website
N-Ch
VISHAY
Si4354DY
18.50
9.0
7.0
10.5
30.0
SO-8
www.vishay.com
N-Ch
VISHAY
Si4886DY
13.5
11.0
14.5
20.0
30.0
SO-8
www.vishay.com
INDUCTORS - SURFACE MOUNT
Inductance
(uH)
Part No.
Inductor Specification
Size
Inductor Type
Manufacturer
CAPACITORS - SURFACE MOUNT
Capacitance
(uF)
Part No.
Capacitor Specification
Size
Manufacturer
MOSFETS - SURFACE MOUNT
MOSFET
Part No.
MOSFET Specification
Qg
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com