Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3x3mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT3603 Datasheet HTML 1Page - Catalyst Semiconductor CAT3603 Datasheet HTML 2Page - Catalyst Semiconductor CAT3603 Datasheet HTML 3Page - Catalyst Semiconductor CAT3603 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT3603
Doc. No. 5017 Rev. C
4
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 60mA (3 LEDs at 20mA), C1 = C2 = CIN = COUT = 1µF, TAMB = 25°C unless otherwise specified.
LED Current Change vs. Input Voltage
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
3.0 3.2
3.4 3.6 3.8
4.0 4.2
INPUT VOLTAGE [V]
1x Mode
1.5x Mode
LED Current Change vs. Temperature
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-40
0
40
80
120
TEMPERATURE [°C]
VIN = 4V
Switching Frequency vs. Input Voltage
0.7
0.8
0.9
1.0
1.1
1.2
1.3
3.0
3.2 3.4
3.6
3.8 4.0
4.2
INPUT VOLTAGE [V]
Switching Frequency vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
0
40
80
120
TEMPERATURE [°C]
Output Resistance vs. Input Voltage (1x Mode)
0
1
2
3
4
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
Output Resistance vs. Input Voltage(1.5x Mode)
2
4
6
8
10
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com