Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3x3mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT3603 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603 Datasheet HTML 9Page - Catalyst Semiconductor CAT3603 Datasheet HTML 10Page - Catalyst Semiconductor CAT3603 Datasheet HTML 11Page - Catalyst Semiconductor CAT3603 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT3603
Doc. No. 5017 Rev. C
10
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE DRAWING AND DIMENSIONS
Thin DFN 12-Lead 3mm x 3mm, 0.45mm Pitch
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
b
0.18
0.23
0.30
C
0.20 REF
D
2.90
3.00
3.10
D2
1.60
1.70
1.80
E
2.90
3.00
3.10
E2
2.30
2.40
2.50
e
0.45
L
0.35
0.45
0.55
Notes:
(1) All dimensions are in millimeters, angles in degrees.
(2) Complies with JEDEC specification MO-229.
RECOMMENDED LAND PATTERN
Note: All dimensions are in millimeters, angles in degrees.
E
PIN 1 ID
PIN 1 INDENT
L
C
e
b
A1
5 x e
E2
D
A
D2
0.45
0.23
2.40
1.70
3.00
4.00
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com