Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3x3mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT3603 Datasheet HTML 3Page - Catalyst Semiconductor CAT3603 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603 Datasheet HTML 9Page - Catalyst Semiconductor CAT3603 Datasheet HTML 10Page - Catalyst Semiconductor CAT3603 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT3603
© 2006 Catalyst Semiconductor, Inc.
7
Doc. No. 5017 Rev. C
Characteristics subject to change without notice
PIN DESCRIPTIONS
Pin #
Name
Function
1
LED1
LED1 cathode terminal (if not used, connect to VOUT)
(1)
2
LED2
LED2 cathode terminal (if not used, connect to VOUT)
(1)
3
LED3
LED3 cathode terminal (if not used, connect to VOUT)
(1)
4
RSET
The LED output current is set by the current sourced out of the RSET pin
5
EN
Device enable (active high)
6
VOUT
Charge pump output connected to the LED anodes
7
VIN
Supply voltage
8
C1+
Bucket capacitor 1 terminal
9
C1-
Bucket capacitor 1 terminal
10
C2-
Bucket capacitor 2 terminal
11
C2+
Bucket capacitor 2 terminal
12
GND
Ground Reference
TAB
Connect to GND on the PCB
Note:
(1) LED1, LED2, LED3 pins should not be left floating. They should be connected to the LED cathode, or tied to VOUT pin if not used.
PIN FUNCTION
VIN is the supply pin for the charge pump. A small
1µF ceramic bypass capacitor is required between the
VIN pin and ground near the device. The operating
input voltage range is from 3.0V to 5.5V.
EN is the enable control logic input for all LED
channels. Guaranteed levels of logic high and logic
low are set at 1.3V and 0.4V respectively.
RSET pin is regulated at 1.2V. An external resistor
RSET connected from the RSET pin to GND sets the
LED current.
VOUT is the charge pump output that is connected to
the LED anodes. A small 1µF ceramic bypass
capacitor is required between the VOUT pin and
ground near the device.
GND is the ground reference for the charge pump.
The pin must be connected to the ground plane on the
PCB.
C1+, C1- are connected to each side of the 1µF
ceramic bucket capacitor C1.
C2+, C2- are connected to each side of the 1µF
ceramic bucket capacitor C2.
LED1 to LED3 provide the internal regulated current
for each of the LED cathodes. These pins enter a high
impedance, zero current state whenever the device is
placed in shutdown mode. In applications using less
than three LEDs, all unused channels should be wired
directly to VOUT. This ensures the channel is
automatically disabled dissipating less than 200µA.
TAB is the exposed pad underneath the package. For
best thermal performance, the tab should be soldered
to the PCB and connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com