Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3603 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT3603
Description  3-Channel LED Driver in 3x3mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT3603 Datasheet HTML 1Page - Catalyst Semiconductor CAT3603 Datasheet HTML 2Page - Catalyst Semiconductor CAT3603 Datasheet HTML 3Page - Catalyst Semiconductor CAT3603 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CAT3603
© 2006 Catalyst Semiconductor, Inc.
1
Doc. No. 5017 Rev. C
Characteristics subject to change without notice
3-Channel LED Driver in 3x3mm Package
FEATURES
Drives up to 3 LEDs
Current setting resistor
Compatible with supply voltage of 3V to 5.5V
Power efficiency up to 91%
Output Current up to 30mA per LED
Fractional pump 1x/1.5x
Low noise input ripple
Fixed High Frequency Operation 1MHz
“Zero” Current Shutdown Mode
Soft start and current limiting
Short circuit protection
12-lead TDFN 3mm x 3mm package
APPLICATION
LCD Display Backlight
Cellular Phones
Digital Still Cameras
Handheld Devices
ORDERING INFORMATION
Part
Number
Package
Quantity
per Reel
Package
Marking
CAT3603HV2 TDFN-12 3x3
Green*
2000
HABB
* Lead Finish Matte-Tin
For Ordering Information details, see page 11.
DESCRIPTION
The CAT3603 is a charge pump LED driver
operating in either 1x (LDO) mode or 1.5x fractional
mode regulating current through each of the 3 LED
pins. Operation at a constant switching frequency of
1MHz allows the use of very small value ceramic
capacitors.
The CAT3603 drives 3 white LEDs in parallel and
provides tightly matched regulated current to achieve
uniform brightness in LCD backlighting applications.
An external resistor, RSET, controls the output
current level. The device can deliver up to 30mA over
an input voltage supply range from 3V to 5.5V,
making it ideal for battery-powered applications
LED dimming can be accomplished using several
methods; using a DC voltage to set the RSET pin
current, applying a PWM signal on the EN pin, or
adding a switched resistor in parallel with RSET. The
EN input pin allows the device to be placed in power-
down mode with “near-zero” quiescent current.
The device is available in the tiny 12-lead thin DFN
3mm x 3mm package with a max height of 0.8mm.
PIN CONFIGURATION
TYPICAL APPLICATION CIRCUIT
12-lead TDFN 3mm (Top view)
Note: Unused LED channels must be connected to VOUT.


Similar Part No. - CAT3603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
168Kb / 11P
3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
More results

Similar Description - CAT3603

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
logo
Sitronix Technology Co....
ST1208 SITRONIX-ST1208 Datasheet
254Kb / 12P
3-Channel White LED Driver
logo
ON Semiconductor
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com