Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT164245TPVG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT164245TPVG Datasheet(HTML) 3 Page - Renesas Technology Corp

  74FCT164245TPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 8Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
INDUSTRIALTEMPERATURERANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input and I/O pins)
Guaranteed Logic HIGH Level
2
—
5.5
V
VIL
Input LOW Level (Input and I/O pins)
Guaranteed Logic LOW Level
–0.5
—
0.8
V
IIH
Input HIGH Current (Input pins)
VCC1 = Max.
VI = 5.5V
—
—
±5
Input HIGH Current (I/O pins)
VCC2 = Max.
VI = VCC2
——
±15
μA
IIL
Input LOW Current (Input pins)
VI = GND
—
—
±5
Input LOW Current (I/O pins)
VI = GND
—
—
±15
VIK
Clamp Diode Voltage
VCC2 = Min., IIN = –18mA
—
–0.7
–1.2
V
VOH
Output HIGH Voltage
VCC1 = VCC2 = Min.
IOH = –0.1mA
VCC2 –0.2
—
—
V
VIN = VIH or VIL
VCC2 = 3V
IOH = –8mA
2.4
3
—
VIN = VIH or VIL
VOL
Output LOW Voltage
VCC1 = Min.
IOL = 0.1mA
—
—
0.2
V
VCC2 = Min.
IOL = 16mA
—
0.2
0.4
VIN = VIH or VIL
IOL = 24mA
—
0.3
0.55
VCC = 3V
IOL = 24mA
—
0.3
0.5
VIN = VIH or VIL
IOFF
Input/Output Power Off Leakage
VCC1 = 0V, VCC2 = 0V, VIN or VO
≤ 4.5V
—
—
±100
μA
IOS
Short Circuit Current(4)
VCC1 = Max., VCC2 = Max., VO = GND(3)
–70
–105
–150
mA
IO
Output Drive Current
VCC1 = Max., VCC2 = Max., VO = 1.5V(3)
–40
–60
–90
mA
VH
Input Hysteresis
—
—
150
—
mV
ICC2L
Quiescent Power Supply Current
VCC1 = Max.
—
0.35
2
mA
ICC2H
VCC2 = Max.
ICC2Z
VIN = GND or VCC2
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (A PORT, 3.3V)
FollowingConditionsApplyUnlessOtherwiseSpecified:
VCC1 = 5V ±10%, VCC2 = 2.7V to 3.6V, Industrial: TA = –40°C to +85°C
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC1 = 5V, VCC2 = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com