Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT164245TPVG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT164245TPVG Datasheet(HTML) 4 Page - Renesas Technology Corp

  74FCT164245TPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 8Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input and I/O pins)
Guaranteed Logic HIGH Level
2
—
5.5
V
VIL
Input LOW Level (Input and I/O pins)
Guaranteed Logic LOW Level
–0.5
—
0.8
V
IIH
Input HIGH Current (Input pins)
VCC1 = Max.
VI = VCC1
——
±5
Input HIGH Current (I/O pins)
VCC2 = Max.
—
—
±15
μA
IIL
Input LOW Current (Input pins)
VI = GND
—
—
±5
Input LOW Current (I/O pins)
—
—
±15
VIK
Clamp Diode Voltage
VCC1 = Min., IIN = –18mA
—
–0.7
–1.2
V
VOH
Output HIGH Voltage
VCC1 = Min.
IOH = –3mA
2.5
3.5
—
V
VCC2 = Min.
IOH = –15mA
2.4
3.5
—
VIN = VIH or VIL
IOH = –32mA(5)
23
—
VOL
Output LOW Voltage
VCC1 = Min.
IOL = 64mA
—
0.2
0.55
V
VCC2 = Min.
VIN = VIH or VIL
IOFF
Input/Output Power Off Leakage
VCC1 = 0V, VCC2 = 0V, VIN or VO
≤ 4.5V
—
—
±100
μA
IOS
Short Circuit Current(4)
VCC1 = Max., VCC2 = Max., VO = GND(3)
–80
–140
–225
mA
IO
Output Drive Current
VCC1 = Max., VCC2 = Max., VO = 2.5V(3)
–50
–75
–180
mA
VH
Input Hysteresis
—
—
150
—
mV
ICC1L
Quiescent Power Supply Current
VCC1 = Max.
—
0.08
1.5
mA
ICC1H
VCC2 = Max.
ICC1Z
VIN = GND or VCC2
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (B PORT, 5V)
FollowingConditionsApplyUnlessOtherwiseSpecified:
VCC1 = 5V ±10%, VCC2 = 2.7V to 3.6V, Industrial: TA = –40°C to +85°C
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC1 = 5V, VCC2 = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. Duration of the condition cannot exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com