Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT164245TPVG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT164245TPVG Datasheet(HTML) 6 Page - Renesas Technology Corp

  74FCT164245TPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 8Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
5
ns
tPHL
A to B
RL = 500
Ω
tPLH
PropagationDelay
1.5
5
ns
tPHL
B to A
tPZH
OutputEnableTime
1.5
6.5
ns
tPZL
xOE to B
tPHZ
OutputDisableTime
1.5
6
ns
tPLZ
xOE to B
tPZH
OutputEnableTime
1.5
6.5
ns
tPZL
xOE to A
tPHZ
OutputDisableTime
1.5
6
ns
tPLZ
xOE to A
tPZH
OutputEnableTime
1.5
6.5
ns
tPZL
xDIR to B(3)
tPHZ
OutputDisableTime
1.5
6
ns
tPLZ
xDIR to B(3)
tPZH
OutputEnableTime
1.5
6.5
ns
tPZL
xDIR to A(3)
tPHZ
OutputDisableTime
1.5
6
ns
tPLZ
xDIR to A(3)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com