Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT164245TPVG Datasheet (PDF) - Renesas Technology Corp

74FCT164245TPVG Datasheet PDF - Renesas Technology Corp
Part # 74FCT164245TPVG
Download  74FCT164245TPVG Download
File Size   379.52 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR

74FCT164245TPVG Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT164245TPVG Datasheet PDF - Renesas Technology Corp

Part # 74FCT164245TPVG
Download  74FCT164245TPVG Click to download

File Size   379.52 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR

74FCT164245TPVG Datasheet (HTML) - Renesas Technology Corp


74FCT164245TPVG Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Bidirectional interface between 3.3V and 5V buses
• Control inputs can be driven from either 3.3V or 5V circuits
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC1 = 5V ±10%, VCC2 = 2.7V to 3.6V
• High drive outputs (-32mA IOH, 64mA IOL) on 5V port
• Power off disable on both ports permits “live insertion”
• Typical VOLP (Output Ground Bounce) < 0.9V at VCC1 = 5V, VCC2 = 3.3V, TA = 25°C
• Available in SSOP and TSSOP packages




Similar Part No. - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
More results


Similar Description - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74FCT164245 SANYO-LC74FCT164245 Datasheet
183Kb / 8P
Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
logo
Integrated Device Techn...
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
145Kb / 9P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com