Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM114 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM114
Description  3.3V 5V 짹12V Housekeeping IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM114 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM114 Datasheet HTML 2Page - STMicroelectronics TSM114 Datasheet HTML 3Page - STMicroelectronics TSM114 Datasheet HTML 4Page - STMicroelectronics TSM114 Datasheet HTML 5Page - STMicroelectronics TSM114 Datasheet HTML 6Page - STMicroelectronics TSM114 Datasheet HTML 7Page - STMicroelectronics TSM114 Datasheet HTML 8Page - STMicroelectronics TSM114 Datasheet HTML 9Page - STMicroelectronics TSM114 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TSM114
Electrical Characteristics
6/14
Figure 3: Detailed Internal Schematic
2.5V
2V
Vref
10µA
CTuv
3.6V
Tuv
7
5mA
2V
1.2V
Vref
Rem
5
2.5V
2V
Vref
10µA
CTrem
Trem
6
5mA
3.6V
2.5V
2V
Vref
10µA
CTpg
Tpg
4
5mA
3.6V
Vref
250µA
Bsense
8
3.6V
S
R
Q
!Q
TDelay
2.5V
Iref
Vcc
Rcrnt
13
Fault
1
Pg
3
Vs12
10
Vs5
9
Vs3.3
12
UVP
+rails
1.125
UVP
-rails
OVP
+Rails
OVP
-Rails
1.475
Vs-12
11
Vref = 2.5V
Disable
UVP-OVP
Vcc
14
OV+UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com