Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM114 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM114
Description  3.3V 5V 짹12V Housekeeping IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM114 Datasheet(HTML) 5 Page - STMicroelectronics

  TSM114 Datasheet HTML 1Page - STMicroelectronics TSM114 Datasheet HTML 2Page - STMicroelectronics TSM114 Datasheet HTML 3Page - STMicroelectronics TSM114 Datasheet HTML 4Page - STMicroelectronics TSM114 Datasheet HTML 5Page - STMicroelectronics TSM114 Datasheet HTML 6Page - STMicroelectronics TSM114 Datasheet HTML 7Page - STMicroelectronics TSM114 Datasheet HTML 8Page - STMicroelectronics TSM114 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics
TSM114
5/14
Figure 1: Application Schematic
Figure 2: Internal Schematic
Primary
Rectification
Main
Converter
12V
5V
3.3V
-12V
PWM+Opto.
Vref
Auxiliary
Converter
Vcc
5Vstby
PWM+Opto.
Vref
12V
5V
3.3V
-12V
PG
Rem
FAULT
TSM114
5Vstby
- Over & Under voltage protection
- Voltage reference
- Logic
- Sequencer
Vcc
TSM114
Vcc
OVP
UVP
Vs12
Vs5
Vs3.3
Vs-12
Tuv
UV
Blanking
Rcrnt
Bsense
Fault
PG
Tpg
Trem
Rem
Logic
Secondary
HouseKeeping
Gnd
Cuv
Crem
Cpg
Rcrnt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com