Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM114 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM114
Description  3.3V 5V 짹12V Housekeeping IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM114 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM114 Datasheet HTML 1Page - STMicroelectronics TSM114 Datasheet HTML 2Page - STMicroelectronics TSM114 Datasheet HTML 3Page - STMicroelectronics TSM114 Datasheet HTML 4Page - STMicroelectronics TSM114 Datasheet HTML 5Page - STMicroelectronics TSM114 Datasheet HTML 6Page - STMicroelectronics TSM114 Datasheet HTML 7Page - STMicroelectronics TSM114 Datasheet HTML 8Page - STMicroelectronics TSM114 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics
TSM114
3/14
3
Electrical Characteristics
Table 4: Tamb = 25°C, Vcc=5V, Vs3.3=1.3V, Vs5=5V, Vs12= 12V, Vs-12=-12V, Rem=Low,
Rcrnt=24K
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Total Current Consumption
Icc
Total Supply Current
4
6
8
mA
Vccmin
Min operating Vcc
4.2
V
Over Voltage and Under Voltage Protection
Vov12
Over Voltage Sense 12V
13.5
14
14.4
V
Vuv12
Under Voltage Sense 12V
8.85
9.12
9.39
V
Iin12
Input current Voltage sense 12V
100
200
300
µA
Vov5
Over Voltage Sense 5V
6.01
6.20
6.39
V
Vuv5
Under Voltage Sense 5V
4.00
4.12
4.24
V
Iin5
Input current Voltage Sense 5V
100
200
300
µA
Vov3.3
Over Voltage Sense 3.3V
1.43
1.475
1.52
V
Vuv3.3
Under Voltage Sense 3.3V
1.09
1.125
1.16
V
Iin3.3
Input current Voltage Sense 3.3V
-2
0
2
µA
Dis3.3
Disable Voltage Sense 3.3V1
3.0
3.3
4.0
V
Vov-12
Over Voltage Sense -12V
-15.49
-15.04
-14.58
V
Vuv-12
Under Voltage Sense -12V
-9.99
-9.70
-9.39
V
Iin-12
Input current Voltage sense -12V
-300
-200
-100
µA
Dis-12
Disable Voltage Sense -12V
1.5
2
2.5
V
Tdelay
Internal time
18
30
42
µs
Bsense
Thbs
Bsense voltage threshold
2.43
2.50
2.562
V
Ilbs
Bsense current leakage
-1.2
0
µA
Iobs
Current source
Bsense=3V
225
250
275
µA
DIobsT
Current source drift in temperature
Tmin. < Tamb < Tmax
10
µA
Vbsoh
Clamp voltage
IoBsense=1µA
3.3
3.6
3.9
V
Vinbs
Input voltage
-0.3
3.3
V
Under Voltage Blanking (Tuv)
Iotuv
Current output source
9
10
11
µA
THtuv
High threshold blanking
From low to high voltage
2.425
2.50
2.575
V
TLtuv
Low threshold blanking
From high to low voltage
1.9
2
2.1
V
Idtuv
Current discharge of Tuv
2
5
mA
Vtuvol
Low output voltage
0.2
V
Vtuvoh
Clamp voltage
3.3
3.6
3.9
V
VinTuv
Input voltage
-0.3
3.3
V
DIotuv
Current source drift in temperature
Tmin. < Tamb < Tmax
2
µA
Rem
THrm
High threshold
From Low to high
1.87
1.93
2.00
V
TLrm
Low threshold
From high to low
1
1.2
1.4
V
TRem
Iotrm
TRem current source
9
10
11
µA
THtrm
High thresold voltage TRem
From low to high
2.425
2.50
2.575
V
TLtrm
Low thresold voltage TRem
From high to low
1.9
2
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com