Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM114 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSM114
Description  3.3V 5V 짹12V Housekeeping IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM114 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSM114 Datasheet HTML 6Page - STMicroelectronics TSM114 Datasheet HTML 7Page - STMicroelectronics TSM114 Datasheet HTML 8Page - STMicroelectronics TSM114 Datasheet HTML 9Page - STMicroelectronics TSM114 Datasheet HTML 10Page - STMicroelectronics TSM114 Datasheet HTML 11Page - STMicroelectronics TSM114 Datasheet HTML 12Page - STMicroelectronics TSM114 Datasheet HTML 13Page - STMicroelectronics TSM114 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Electrical Characteristics
TSM114
11/14
Table 5: Truth table for OVP and UVP detection
Vs12
Vs5
Vs3.3
Vs-12
Pg
Uv<Vs12<Ov
Uv<Vs5<Ov
Uv<Vs3.3<Ov
Uv<Vs-12<Ov
1
Vuv12
xxx
0
Vov12
xxx
0
xVuv5
x
x
0
xVov5
x
x
0
xx
Vuv3.3
x
0
xx
Vov3.3
x
0
x
x
Dis3.3
x
Versus other rails
xxxx
0
xxxx
0
xxxx
Versus other rails
xxx
Vuv-12
0
xxx
Vov-12
0
x
x
x
Dis-12
Versus other rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com