Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C874 Datasheet HTML 1Page - Advanced Micro Devices AM79C874 Datasheet HTML 2Page - Advanced Micro Devices AM79C874 Datasheet HTML 3Page - Advanced Micro Devices AM79C874 Datasheet HTML 4Page - Advanced Micro Devices AM79C874 Datasheet HTML 5Page - Advanced Micro Devices AM79C874 Datasheet HTML 6Page - Advanced Micro Devices AM79C874 Datasheet HTML 7Page - Advanced Micro Devices AM79C874 Datasheet HTML 8Page - Advanced Micro Devices AM79C874 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
Am79C874
P R E L I M INARY
BLOCK DIAGRAM
MAC
MII Data
Interface
MDC/MDIO
PHYAD[4:0]
PCS
Framer
Carrier Detect
4B/5B
TP_PMD
MLT-3
BLW
Stream Cipher
25 MHz
25 MHz
10TX
10RX
20 MHz
XTL+ XTL-
CLK
TEST LED
Drivers
100TX
100RX
TX+
TX-
RX+
RX-
Transformer
Interface
Mux
PMA
Clock Recovery
Link Monitor
Signal Detect
MII Serial Management
Interface and Registers
PLL Clk Generator
Test LED Control
Auto-
Negotiation
10BASE-T
Control/Status
RX
FLP
22235I-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com