Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 4Page - Advanced Micro Devices AM79C874 Datasheet HTML 5Page - Advanced Micro Devices AM79C874 Datasheet HTML 6Page - Advanced Micro Devices AM79C874 Datasheet HTML 7Page - Advanced Micro Devices AM79C874 Datasheet HTML 8Page - Advanced Micro Devices AM79C874 Datasheet HTML 9Page - Advanced Micro Devices AM79C874 Datasheet HTML 10Page - Advanced Micro Devices AM79C874 Datasheet HTML 11Page - Advanced Micro Devices AM79C874 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
Am79C874
P R E L I M INARY
Figure 13.PECL Test Loads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 14.Clock Signal. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 15.MLT-3 Test Waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 16.Management Bus Transmit Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 17.Management Bus Receive Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 18.100 Mbps MII Transmit Start of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 19.100 Mbps Transmit End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 20.100 Mbps MII Receive Start of Packet Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 21.100 Mbps MII Receive End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 22.10 Mbps MII Transmit Start of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 23.10 Mbps MII Transmit End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 24.10 Mbps MII Receive Start of Packet Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 25.10 Mbps MII Receive End of Packet Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 26.GPSI Receive Timing - Start of Reception . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 27.GPSI Receive Timing - End of Reception (Last Bit = 0) . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 28.GPSI Receive Timing - End of Reception (Last Bit = 1) . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 29.GPSI Collision Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 30.GPSI Transmit Timing - Start of Transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 31.GPSI Transmit 10TXCLK and 10TXD Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 32.Test Load for 10RXD, 10CRS, 10RXCLK, 10TXCLK and 10COL . . . . . . . . . . . . . . . . 58
List of Tables
Table 1.MII Pins That Relate to 10 Mbps 7-Wire (GPSI) Mode . . . . . . . . . . . . . . . . . . . . . . . . . .16
Table 2.Code-Group Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Table 3.Speed and Duplex Capabilities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 4.Standard LED Selections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 5.Advanced LED Selections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 6.Clause 22 Management Frame Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 7.PHY Address Setting Frame Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Table 8.Register Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 9.Legend for Register Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Table 10.MII Management Control Register (Register 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Table 11.MII Management Status Register (Register 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Table 12.PHY Identifier 1 Register (Register 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Table 13.PHY Identifier 2 Register (Register 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Table 14.Auto-Negotiation Advertisement Register (Register 4) . . . . . . . . . . . . . . . . . . . . . . . . .32
Table 15.Auto-Negotiation Link Partner Ability Register in Base Page Format (Register 5) . . . .33
Table 16.Auto-Negotiation LInk Partner Ability Register in Next Page Format (Register 5) . . . . .33
Table 17.Auto-Negotiation Expansion Register (Register 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Table 18.Auto-Negotiation Next Page Advertisement Register (Register 7) . . . . . . . . . . . . . . . .35
Table 19.Miscellaneous Features Register (Register 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
Table 20.Interrupt Control/Status Register (Register 17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Table 21.Diagnostic Register (Register 18) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Table 22.Power/Loopback Register (Register 19) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Table 23.Mode Control Register (Register 21) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Table 24.Disconnect Counter (Register 23) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Table 25.Receive Error Counter Register (Register 24) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com