Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 9Page - Advanced Micro Devices AM79C874 Datasheet HTML 10Page - Advanced Micro Devices AM79C874 Datasheet HTML 11Page - Advanced Micro Devices AM79C874 Datasheet HTML 12Page - Advanced Micro Devices AM79C874 Datasheet HTML 13Page - Advanced Micro Devices AM79C874 Datasheet HTML 14Page - Advanced Micro Devices AM79C874 Datasheet HTML 15Page - Advanced Micro Devices AM79C874 Datasheet HTML 16Page - Advanced Micro Devices AM79C874 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Am79C874
13
P R E L I M INARY
MDC
Management Data Clock
Input
This clock is sourced by the MAC and is used to
synchronize MDIO data. When management is not
used, this pin should be tied to ground.
INTR
Interrupt
Output, High Impedance
This pin is used to signal an interrupt to the MAC. The
pin will be forced high or low (normally high impedance)
to signal an interrupt depending upon the value of the
INTR_LEVL bit, MII Register 16, bit 14. The events
which trigger an interrupt can be programmed via the
Interrupt Control Register (Register 17).
TECH_SEL[2:0]
Technology Select
Input, Pull-Up
The Technology Select pins, in conjunction with the
ANEGA pin, set the speed and duplex configurations
for the device on the rising edge of reset. These capa-
bilities are reflected in MII Register 1 and MII Register
4. Table 3 lists the possible configurations for the de-
vice.
If the input is listed as LOW, the pin should be
pulled to ground via a 10 k
W resistor on the rising edge
of reset. If the input is listed as HIGH, the pin can be left
unconnected.
Note: By
using
resistors
to
hard
wire
the
TECH_SEL[2:0] pins and the ANEGA pin, using the
MDC/MDIO management interface pins becomes op-
tional. The device’s speed, duplex, and auto-negotia-
t i on capabilit ies are set via ha r d w a re. If the
management interface is used, the registers cannot be
set to a higher capability than the hard-wired setting.
The highest capabilities are Full Duplex, 100 Mbps,
and Auto-Negotiation enabled.
ANEGA
Auto-Negotiation Ability
Input, Pull-Up
When this pin is pulled to ground via a 10 k
W resistor,
on the rising edge of reset, Auto-Negotiation is dis-
abled. When this pin is left unconnected, on the rising
edge of reset, Auto-Negotiation is enabled. Note that
this pin acts in conjunction with Tech_Sel[2:0] on the
rising edge of reset. Refer to Table 3 to determine the
desired configuration for the device.
Note: By
using
resistors
to
hard
wire
the
TECH_SEL[2:0] pins and the ANEGA pin, using the
MDC/MDIO management interface pins becomes op-
tional. The device’s speed, duplex, and auto-negotia-
t i on capabilit ies are set via ha r d w a re. If the
management interface is used, the registers cannot be
set to a higher capability than the hard-wired setting.
The highest capabilities are Full Duplex, 100 Mbps,
and Auto-Negotiation enabled.
RPTR
Repeater Mode
Input
This pin should be tied to ground via a 10 k
W resistor if
repeater mode is to be disabled. When this pin is pulled
high via a 10 k
W resistor, repeater mode will be en-
abled. Repeater mode can also enabled via MII Regis-
ter 16, bit 15.
LED Port Pins
LEDRX/LED_SEL
Receive LED/LED Configuration Select
Input/Output, Pull-Up
When this pin is pulled low via a 5 k
W resistor, on the
rising edge of reset, the advanced LED configuration is
enabled. If there is no pull-down resistor present, on
the rising edge of reset, the standard LED configuration
is enabled.
After the rising edge of reset this pin controls the Re-
ceive LED. This pin toggles between high and low when
data is received. When the device is operating in the
standard LED mode, refer to Table 4 and Figure 5 in the
LED Port Configuration section. When the device is op-
erating in the advanced LED mode, refer to Table 5 and
Figure 6 in the LED Port Configuration section.
LEDCOL/SCRAM_EN
Collision LED/Scrambler Enable
Input/Output, Pull-Up
When this pin is pulled low via a 1-k
W resistor, on the
rising edge of reset, the scrambler/descrambler is dis-
abled. If no pull-down resistor is present, on the rising
edge of reset, the scrambler/descrambler is enabled.
After the rising edge of reset this pin controls the Colli-
sion LED. This pin toggles between high and low when
there is a collision in half-duplex operation. In full-
duplex operation this pin is inactive. When the device is
operating in the standard LED mode (see LEDRX/LED-
SEL pin description), refer to Table 4 and Figure 5 in the
LED Port Configuration section. When the device is op-
erating in the advanced LED mode (see LEDRX/LED-
SEL pin description), see Table 5 and Figure 6.
LEDLNK/LED_10LNK/LED_PCSBP_SD
Link LED/7-Wire Link LED/PCSBP Signal Detect
Output
Whe n a link is esta blishe d in 100 BASE-X o r
10BASE-T mode, this pin will assume a logic low level.
When a link is established in 7-Wire mode, this pin will
assume a logic high level.
When in PCS Bypass mode, this pin assumes a logic
high level indicating Signal Detect.
Refer to Table 4 and Figure 4 in the LED Port Configu-
ration section if the device is operating in the standard
LED mode. See Table 5 and Figure 5 if the device is op-
erating in the advanced LED mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com