Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C874 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C874
Description  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 35Page - Advanced Micro Devices AM79C874 Datasheet HTML 36Page - Advanced Micro Devices AM79C874 Datasheet HTML 37Page - Advanced Micro Devices AM79C874 Datasheet HTML 38Page - Advanced Micro Devices AM79C874 Datasheet HTML 39Page - Advanced Micro Devices AM79C874 Datasheet HTML 40Page - Advanced Micro Devices AM79C874 Datasheet HTML 41Page - Advanced Micro Devices AM79C874 Datasheet HTML 42Page - Advanced Micro Devices AM79C874 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Am79C874
39
P R E L I M INARY
Mode Control Register (Register 21)
Table 23.
Mode Control Register (Register 21)
Reg
Bit
Name
Description
Read/
Write
Default
21
15
Reserved
RO
0
21
14
Force_Link_10
1 = Force link up without checking NLP. Forced during local
loopback.
0 = Normal Operation.
RW
0
21
13
Force_Link_100
1 = Ignore link in 100BASE-TX and transmit data. Auto-
Negotiation must be disabled at this time (pin 56 tied low).
0 = Normal Operation.
RW
0
21
12
Jabber Disable
1 = Disable Jabber function in PHY.
0 = Enable Jabber function in PHY.
RW
0
21
11
7_Wire_Enable
1 = Enable 7-wire interface for 10BASE-T operation. This bit is
useful only when the chip is not in PCS bypass mode.
0 = Normal operation.
RW
0
21
10
CONF_ALED
1 = Activity LED only responds to receive operation.
0 = Activity LED responds to receive and transmit operations for
Half Duplex. LED responds to receive activity in Full Duplex
operation.
This bit should be ignored when Register 0.8 is set to 1 or during
repeater mode operation.
RW
0
21
9
LED_SEL
1 = Select NetPHY-1LP device ‘s Standard LED configuration.
0 = Use the Advanced LED configuration.
RW
Set by
LEDRX/
LED_SEL
21
8
FEF_DISABLE
0 = Enable far-end-fault generation and detection function.
1 = Disable far-end-fault.
This bit should be ignored when FX mode is disabled.
RW
Set by
TECH[2:0],
FX_SEL,
ANEGA
pins
21
7
Force FEF
Transmit
This bit is set to force to transmit Far End Fault (FEF) pattern.
RW
0
21
6
RX_ER_CNT Full When Receive Error Counter is full, this bit will be set to 1.
RO/ RC
0
21
5
Disable
RX_ER_CNT
1 = Disable Receive Error Counter.
0 = Enable Receive Error Counter.
RW
0
21
4
DIS_WDT
1 = Disable the watchdog timer in the decipher.
0 = Enable watchdog timer.
RW
0
21
3
EN_RPBK
1 = Enable remote loopback (MDI loopback for 100BASE-TX).
0 = Disable remote loopback.
RW
0
21
2
EN_SCRM
1 = Enable data scrambling.
0 = Disable data scrambling.
When FX mode is selected, this bit will be forced to 0.
RW
Set by
SCRAM_EN
pin
21
1
PCSBP
1 = Bypass PCS.
0 = Enable PC.
RW
Set by
PCSBP pin
21
0
FX_SEL
1 = FX mode selected.
0 = Disable FX mode.
RW
Set by
FX_SEL pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com