Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 2 Page - NXP Semiconductors

  FXPS7115D4_V02 Datasheet HTML 1Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 2Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
3 Applications
3.1 Automotive
• Engine management digital MAP and BAP
• Small engine control
3.2 Industrial
• Compressed air
• Manufacturing line control
• Gas metering
• Weather stations
3.3 Medical/Consumer
• Blood pressure monitor
• Medicine dispensing systems
• White goods
4 Ordering information
Package
Type number
Name
Description
Version
FXPS7115DI4
FXPS7115DS4
HQFN16
HQFN16, plastic, thermal enhanced quad flat pack; no leads; 16 terminals; 0.8 mm
pitch; 4 mm x 4 mm x 1.98 mm body
SOT1573-1
Table 1. Ordering information
4.1 Ordering options
Device
Range [kPa]
Packing
Interface
Temperature range
FXPS7115DI4T1
40 kPa to 115 kPa
Tape and reel
I2C
–40 °C to 130 °C
FXPS7115DS4T1
40 kPa to 115 kPa
Tape and reel
SPI
–40 °C to 130 °C
Table 2. Ordering options
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
2 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com